Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3138CS Datasheet(PDF) 6 Page - International Rectifier

Part # IRU3138CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3138CS Datasheet(HTML) 6 Page - International Rectifier

Back Button IRU3138CS Datasheet HTML 2Page - International Rectifier IRU3138CS Datasheet HTML 3Page - International Rectifier IRU3138CS Datasheet HTML 4Page - International Rectifier IRU3138CS Datasheet HTML 5Page - International Rectifier IRU3138CS Datasheet HTML 6Page - International Rectifier IRU3138CS Datasheet HTML 7Page - International Rectifier IRU3138CS Datasheet HTML 8Page - International Rectifier IRU3138CS Datasheet HTML 9Page - International Rectifier IRU3138CS Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Rev. 1.0
01/29/04
IRU3138
www.irf.com
Short-Circuit Protection
The outputs are protected against the short-circuit. The
IRU3138 protects the circuit for shorted output by sens-
ing the output voltage (through the external resistor di-
vider). The IRU3138 turns off both drivers, when the out-
put voltage drops below 0.4V.
The IRU3138 also protects the output from over-voltaging
when the control FET is shorted. This is done by turning
on the sync FET with the maximum duty cycle.
Under-Voltage Lockout
The under-voltage lockout circuit assures that the
MOSFET driver outputs remain in the off state whenever
the supply voltage drops below set parameters. Lockout
occurs if Vc and Vcc fall below 3.5V and 4.25V respec-
tively. Normal operation resumes once Vc and Vcc rise
above the set values.
Shutdown
The converter can be shutdown by pulling the soft-start
pin below 2.8V. This can be easily done by using an
external small signal transistor. During shutdown both
MOSFET drivers turn off.
the output start-up time is the time period when soft-
start capacitor voltage increases from 1V to 2V. The start-
up time will be dependent on the size of the external
soft-start capacitor. The start-up time can be estimated
by:
For a given start up time, the soft-start capacitor can be
estimated as:
MOSFET Drivers
The driver capabilities of both high and low side drivers
are optimized to maintain fast switching transitions. They
are sized to drive a MOSFET that can deliver up to 20A
output current.
The low side MOSFET driver is supplied directly by VCC
while the high side driver is supplied by VC.
An internal dead time control is implemented to prevent
cross-conduction and allows the use of several kinds of
MOSFETs.
CSS
≅ 20mA3TSTART/1V
20
mA3TSTART/CSS = 2V-1V
Switching Frequency VS. RT
0
50
100
150
200
250
300
350
400
450
0
10
20
30
40
50
60
70
80
90
100
RT
Figure 4A - Switching frequency vs. external resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com