Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3138CS Datasheet(PDF) 5 Page - International Rectifier

Part # IRU3138CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3138CS Datasheet(HTML) 5 Page - International Rectifier

  IRU3138CS Datasheet HTML 1Page - International Rectifier IRU3138CS Datasheet HTML 2Page - International Rectifier IRU3138CS Datasheet HTML 3Page - International Rectifier IRU3138CS Datasheet HTML 4Page - International Rectifier IRU3138CS Datasheet HTML 5Page - International Rectifier IRU3138CS Datasheet HTML 6Page - International Rectifier IRU3138CS Datasheet HTML 7Page - International Rectifier IRU3138CS Datasheet HTML 8Page - International Rectifier IRU3138CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IRU3138
5
Rev. 1.0
01/29/04
www.irf.com
THEORY OF OPERATION
Introduction
The IRU3138 is a fixed frequency, voltage mode syn-
chronous controller and consists of a precision refer-
ence voltage, an error amplifier, an internal oscillator, a
PWM comparator, 1A peak gate driver, soft-start and
shutdown circuits (see Block Diagram). The output volt-
age of the synchronous converter is set and controlled
by the output of the error amplifier; this is the amplified
error signal from the sensed output voltage and the refer-
ence voltage. This voltage is compared to a fixed fre-
quency linear sawtooth ramp and generates fixed fre-
quency pulses of variable duty-cycle, which drives the
two N-channel external MOSFETs.The timing of the IC
is provided through an internal oscillator circuit which
uses on-chip capacitor. The oscillation frequency is pro-
grammable between 200KHz to 400KHz by using an
external resistor. Figure 4A shows switching frequency
vs. external resistor.
Soft-Start
The IRU3138 has a programmable soft-start to control
the output voltage rise and limit the current surge at the
start-up. To ensure correct start-up, the soft-start se-
quence initiates when the Vc and Vcc rise above their
threshold (3.5V and 4.25V respectively) and generates
the Power On Reset (POR) signal. Soft-start function
operates by sourcing an internal current to charge an
external capacitor to about 3V. Initially, the soft-start func-
tion clamps the E/A’s output of the PWM converter and
disables the short circuit protection. During the power
up, the output starts at zero and voltage at Fb is below
0.4V. The feedback UVLO is disabled during this time
by injecting a current (64
mA) into the Fb. This generates
a voltage about 1.6V (64
mA325K) across the negative
input of E/A and positive input of the feedback UVLO
comparator (see Fig3).
Figure 3 - Soft-start circuit for IRU3138.
The magnitude of this current is inversely proportional to
the voltage at soft-start pin.
The 20
mA current source starts to charge up the exter-
nal capacitor. In the mean time, the soft-start voltage
ramps up, the current flowing into Fb pin starts to de-
crease linearly and so does the voltage at the positive
pin of feedback UVLO comparator and the voltage nega-
tive input of E/A.
When the soft-start capacitor is around 1V, the current
flowing into the Fb pin is approximately 32
mA. The volt-
age at the positive input of the E/A is approximately:
The E/A will start to operate and the output voltage starts
to increase. As the soft-start capacitor voltage contin-
ues to go up, the current flowing into the Fb pin will keep
decreasing. Because the voltage at pin of E/A is regu-
lated to reference voltage 0.8V, the voltage at the Fb is:
The feedback voltage increases linearly as the injecting
current goes down. The injecting current drops to zero
when soft-start voltage is around 2V and the output volt-
age goes into steady state.
As shown in Figure 4, the positive pin of feedback UVLO
comparator is always higher than 0.4V, therefore, feed-
back UVLO is not functional during soft-start.
Figure 4 - Theoretical operational waveforms
during soft-start.
32
mA325K = 0.8V
VFB = 0.8-25K
3(Injected Current)
20uA
64uA
Max
POR
Error Amp
64uA
325K=1.6V
When SS=0
POR
0.4V
Feeback
UVLO Comp
SS/SD
Fb
Comp
25K
0.8V
25K
HDrv
LDrv
3V
Soft-Start
Voltage
Voltage at negative input
of Error Amp and Feedback
UVLO comparator
Voltage at Fb pin
Current flowing
into Fb pin
64uA
0uA
0V
0.8V
≅1.6V
0.8V
0V
3V
≅2V
≅1V
Output of UVLO
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com