Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3138CS Datasheet(PDF) 11 Page - International Rectifier

Part # IRU3138CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3138CS Datasheet(HTML) 11 Page - International Rectifier

Back Button IRU3138CS Datasheet HTML 7Page - International Rectifier IRU3138CS Datasheet HTML 8Page - International Rectifier IRU3138CS Datasheet HTML 9Page - International Rectifier IRU3138CS Datasheet HTML 10Page - International Rectifier IRU3138CS Datasheet HTML 11Page - International Rectifier IRU3138CS Datasheet HTML 12Page - International Rectifier IRU3138CS Datasheet HTML 13Page - International Rectifier IRU3138CS Datasheet HTML 14Page - International Rectifier IRU3138CS Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
IRU3138
11
Rev. 1.0
01/29/04
www.irf.com
For a general solution for unconditionally stability for
ceramic capacitor with very low ESR and any type of
output capacitors, in a wide range of ESR values we
should implement local feedback with a compensation
network. The typically used compensation network for
voltage-mode controller is shown in Figure 10.
Figure 10 - Compensation network with local
feedback and its asymptotic gain plot.
In such configuration, the transfer function is given by:
The error amplifier gain is independent of the transcon-
ductance under the following condition:
By replacing ZIN and Zf according to Figure 7, the trans-
former function can be expressed as:
As known, transconductance amplifier has high imped-
ance (current source) output, therefore, consider should
be taken when loading the E/A output. It may exceed its
source/sink output current capability, so that the ampli-
fier will not be able to swing its output voltage over the
necessary range.
The compensation network has three poles and two ze-
ros and they are expressed as follows:
Cross Over Frequency:
The stability requirement will be satisfied by placing the
poles and zeros of the compensation network according
to following design rules. The consideration has been
taken to satisfy condition (20) regarding transconduc-
tance error amplifier.
These design rules will give a crossover frequency ap-
proximately one-tenth of the switching frequency. The
higher the band width, the potentially faster the load tran-
sient speed. The gain margin will be large enough to
provide high DC-regulation accuracy (typically -5dB to -
12dB). The phase margin should be greater than 45
8 for
overall stability.
Based on the frequency of the zero generated by ESR
versus crossover frequency, the compensation type can
be different. The table below shows the compensation
type and location of crossover frequency.
VOUT
Vp=VREF
R5
R6
R8
C10
C12
C11
R7
Ve
FZ1
FZ2
FP2
FP3
E/A
Zf
ZIN
Frequency
Gain(dB)
H(s) dB
Fb
Comp
H(s) =
1+sR7
3(1+sR8C10)
(1+sR7C11)
3[1+sC10(R6+R8)]
3
[
(
)]
1
sR6(C12+C11)
C12C11
C12+C11
gmZf >> 1
and
gmZIN >>1
---(20)
1 - gmZf
1 + gmZIN
Ve
VOUT
=
Where:
VIN = Maximum Input Voltage
VOSC = Oscillator Ramp Voltage
Lo = Output Inductor
Co = Total Output Capacitors
FO = R7
3C103
3
VIN
VOSC
1
2
p3Lo3Co
---(21)
FP1 = 0
1
2
p3C103(R6 + R8)
FZ2 =
≅
1
2
p3C103R6
FZ1 =
1
2
p3R73C11
FP3 =
≅
1
2
p3R73
1
2
p3R73C12
FP2 =
1
2
p3R83C10
(
)
C12
3C11
C12+C11
Detail information is dicussed in application Note AN-
1043 which can be downloaded from the IR Web-Site.
Compensator
Type
Type II (PI)
Type III (PID)
Method A
Type III (PID)
Method B
Location of Zero
Crossover Frequency
(FO)
FPO < FZO < FO < fS/2
FPO < FO < FZO < fS/2
FPO < FO < fS/2 < FZO
Typical
Output
Capacitor
Electrolytic,
Tantalum
Tantalum,
Ceramic
Ceramic
Table - The compensation type and location of zero
crossover frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com