Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3138CS Datasheet(PDF) 1 Page - International Rectifier

Part # IRU3138CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3138CS Datasheet(HTML) 1 Page - International Rectifier

  IRU3138CS Datasheet HTML 1Page - International Rectifier IRU3138CS Datasheet HTML 2Page - International Rectifier IRU3138CS Datasheet HTML 3Page - International Rectifier IRU3138CS Datasheet HTML 4Page - International Rectifier IRU3138CS Datasheet HTML 5Page - International Rectifier IRU3138CS Datasheet HTML 6Page - International Rectifier IRU3138CS Datasheet HTML 7Page - International Rectifier IRU3138CS Datasheet HTML 8Page - International Rectifier IRU3138CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
IRU3138
1
Rev. 1.0
01/29/04
www.irf.com
DESCRIPTION
The IRU3138 controller IC is designed to provide a low
cost synchronous Buck regulator for voltage tracking
applications such DDR memory and general purpose
on-board DC to DC converter. Modern micro processors
combined with DDR memory, need high-speed bandwidth
data bus which requires a particular bus termination volt-
age. This voltage will be tightly regulated to track the
half of chipset voltage for best performance. The IRU3138
together with two N-channel MOSFETs, provide a low
cost solution for such applications. This device features
a programmable frequency set from 200KHz to 400KHz,
under-voltage lockout for both Vcc and Vc supplies, an
external programmable soft-start function as well as
output under-voltage detection that latches off the de-
vice when an output short is detected.
1A Peak Output Drive Capability
0.8V Precision Reference Voltage Available
Shuts off both drivers at shorted output
and shutdown
200KHz to 400KHz operation set by an external
resistor
Soft-Start Function
Uncommitted Error Amplifier available for DDR
voltage tracking application
Protects the output when control FET is shorted
Synchronous Controller in 14-Pin Package
PACKAGE ORDER INFORMATION
FEATURES
SYNCHRONOUS PWM CONTROLLER
FOR TERMINATION POWER SUPPLY APPLICATIONS
TA (°C)
DEVICE
PACKAGE
0 To 70
IRU3138CS
14-Pin Plastic SOIC NB (S)
Data Sheet No. PD94701
Figure 1 - Typical application of IRU3138 when VTT tracks the VDDQ.
APPLICATIONS
DDR memory source sink Vtt application
Graphic Card
Low cost on-board DC to DC such as
5V to 3.3V, 2.5V or 1.8V
TYPICAL APPLICATION
IRU3138
U1
Vcc
Vc
HDrv
LDrv
Fb
Gnd
Comp
SS/SD
C1
0.1uF
C2
1uF
C5
0.1uF
C7
3300pF
R3
13K
Q1
IRF7460
Q2
IRF7456
L2
3.3uH
L1
1uH
C3
2x 47uF
C4
47uF
Vtt
1.25V @ 10A
C6
2x 150uF
40m
V
12V
PGnd
Rt
VP
VREF
R1
1K
R2
1K
DDR
Memory
VDDQ
(2.5V)
5V
D1
BAT54


Similar Part No. - IRU3138CS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3137 IRF-IRU3137 Datasheet
169Kb / 19P
8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3137CS IRF-IRU3137CS Datasheet
169Kb / 19P
8-PIN SYNCHRONOUS PWM CONTROLLER
More results

Similar Description - IRU3138CS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1102 SEMTECH-SC1102 Datasheet
146Kb / 10P
SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
SC1110 SEMTECH-SC1110 Datasheet
96Kb / 7P
SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
International Rectifier
IRU3038 IRF-IRU3038 Datasheet
139Kb / 18P
SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
Semtech Corporation
SC2602 SEMTECH-SC2602 Datasheet
304Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1102 SEMTECH-SC1102_06 Datasheet
258Kb / 12P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1110 SEMTECH-SC1110_04 Datasheet
295Kb / 12P
Sink and Source DC/DC Controller for Termination Power Supply Applications
SC2602_0411 SEMTECH-SC2602_0411 Datasheet
310Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
logo
Sanken electric
SFA0002 SANKEN-SFA0002 Datasheet
470Kb / 12P
PWM Controller for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com