Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3138CS Datasheet(PDF) 4 Page - International Rectifier

Part # IRU3138CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3138CS Datasheet(HTML) 4 Page - International Rectifier

  IRU3138CS Datasheet HTML 1Page - International Rectifier IRU3138CS Datasheet HTML 2Page - International Rectifier IRU3138CS Datasheet HTML 3Page - International Rectifier IRU3138CS Datasheet HTML 4Page - International Rectifier IRU3138CS Datasheet HTML 5Page - International Rectifier IRU3138CS Datasheet HTML 6Page - International Rectifier IRU3138CS Datasheet HTML 7Page - International Rectifier IRU3138CS Datasheet HTML 8Page - International Rectifier IRU3138CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Rev. 1.0
01/29/04
IRU3138
www.irf.com
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the IRU3138.
64uA Max
POR
Oscillator
Error Amp
Ct
Error Comp
Reset Dom
POR
0.4V
FbLo Comp
Vc
HDrv
Vcc
LDrv
PGnd
4.25V
Vc
3.5V
0.2V
0.25V
Bias
Generator
3V
1.25V
POR
SS/SD
Fb
Comp
25K
25K
0.8V
3V
R
S
Q
VP
VREF
Rt
Gnd
Rt
3
13
2
1
12
11
10
9
4
6
8
7
2.8V
SS
Vcc
20uA
1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com