Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3138CS Datasheet(PDF) 9 Page - International Rectifier

Part # IRU3138CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3138CS Datasheet(HTML) 9 Page - International Rectifier

Back Button IRU3138CS Datasheet HTML 5Page - International Rectifier IRU3138CS Datasheet HTML 6Page - International Rectifier IRU3138CS Datasheet HTML 7Page - International Rectifier IRU3138CS Datasheet HTML 8Page - International Rectifier IRU3138CS Datasheet HTML 9Page - International Rectifier IRU3138CS Datasheet HTML 10Page - International Rectifier IRU3138CS Datasheet HTML 11Page - International Rectifier IRU3138CS Datasheet HTML 12Page - International Rectifier IRU3138CS Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
IRU3138
9
Rev. 1.0
01/29/04
www.irf.com
Choose IRLR3715Z for control MOSFET and IRFR3711Z
for synchronous MOSFET. These devices provide low
on-resistance in a D-Pak.
The MOSFETs have the following data:
The total conduction losses will be:
The switching loss is more difficult to calculate, even
though the switching transition is well understood. The
reason is the effect of the parasitic components and
switching times during the switching procedures such
as turn-on / turnoff delays and rise and fall times. The
control MOSFET contributes to the majority of the switch-
ing losses in synchronous Buck converter. The synchro-
nous MOSFET turns on under zero voltage conditions,
therefore, the turn on losses for synchronous MOSFET
can be neglected. With a linear approximation, the total
switching loss can be expressed as:
The switching time waveform is shown in Figure 7.
Figure 7 - Switching time waveforms.
From IRFR3711Z data sheet we obtain:
These values are taken under a certain condition test.
For more details please refer to the IRFR3711Z datasheet.
By using equation (12), we can calculate the total switch-
ing losses.
Feedback Compensation
The IRU3138 is a voltage mode controller; the control
loop is a single voltage feedback path including error
amplifier and error comparator. To achieve fast transient
response and accurate output regulation, a compensa-
tion circuit is necessary. The goal of the compensation
network is to provide a closed loop transfer function with
the highest 0dB crossing frequency and adequate phase
margin (greater than 45
8).
The output LC filter introduces a double pole, –40dB/
decade gain slope above its corner resonant frequency,
and a total phase lag of 180
8 (see Figure 8). The Reso-
nant frequency of the LC filter is expressed as follows:
Figure 9 shows gain and phase of the LC filter. Since we
already have 180
8 phase shift just from the output filter,
the system risks being unstable.
Figure 8 - Gain and phase of LC filter.
PCON(TOTAL) = PCON(UPPER) + PCON(LOWER)
PCON(TOTAL) = 1.77W
PSW(TOTAL) = 336mW
Where:
VDS(OFF) = Drain to Source Voltage at off time
tr = Rise Time
tf = Fall Time
T = Switching Period
ILOAD = Load Current
PSW =
ILOAD
---(12)
3
VDS(OFF)
2
tr + tf
T
3
IRFR3711Z
tr = 13ns
tf = 15ns
FLC =
---(13)
1
2
p3
LO
3CO
VDS
VGS
10%
90%
td(ON)
td(OFF)
tr
tf
Gain
FLC
0dB
Phase
0
8
FLC
-180
8
Frequency
Frequency
-40dB/decade
IRFL3715Z
VDSS = 20V
RDS(ON) = 11mV
IRFR3711Z
VDSS = 20V
RDS(ON) = 5.7mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com