Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HTP Datasheet(PDF) 47 Page - IC-Haus GmbH

Part # IC-HTP
Description  DUAL CW P-TYPE LASER DIODE DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTP Datasheet(HTML) 47 Page - IC-Haus GmbH

Back Button IC-HTP Datasheet HTML 43Page - IC-Haus GmbH IC-HTP Datasheet HTML 44Page - IC-Haus GmbH IC-HTP Datasheet HTML 45Page - IC-Haus GmbH IC-HTP Datasheet HTML 46Page - IC-Haus GmbH IC-HTP Datasheet HTML 47Page - IC-Haus GmbH IC-HTP Datasheet HTML 48Page - IC-Haus GmbH IC-HTP Datasheet HTML 49Page - IC-Haus GmbH IC-HTP Datasheet HTML 50Page - IC-Haus GmbH IC-HTP Datasheet HTML 51Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
prel
imin
ary
prel
imin
ary
iC-HTP
DUAL CW P-TYPE LASER DIODE DRIVER
Rev B1, Page 47/51
Channel 2 configuration registers
EACC2
Addr. 0x15; bit 0
R/W 0
0
APC mode enabled for channel 2 (light power
regulation)
1
ACC mode enabled for channel 2 (laser current
regulation)
Table 122: Enable APC/ACC channel 2
ECIE2
Addr. 0x15; bit 1
R/W 0
0
External CI capacitor for channel 2 disconnected
1
External CI capacitor for channel 2 connected
Table 123: Enable external CI capacitor channel 2
DISP2
Addr. 0x15; bit 2
R/W 0
0
PLR enabled for channel 2
1
PLR disabled for channel 2
Table 124: Disable PLR channel 2
DISC2
Addr. 0x15; bit 3
R/W 1
0
Channel 2 can be enabled by pin EC2
1
Channel 2 cannot be enabled by pin EC2
Table 125: Disable channel 2
EOC2
Addr. 0x15; bit 4
R/W 1
0
Channel 2 regulator offset compensation disabled
1
Channel 2 regulator offset compensation enabled
Table 126: Enable offset compensation channel 2
ADCC2(2:0)
Addr. 0x15; bit 7:5
R/W 000
0xx
Channel 2 ADC disabled
100
Channel 2 ADC sourced by V(MDK2), ADFNS2 = 1,
CMES2 = 0
100
Channel 2 ADC sourced by V(PLR2), ADFNS2 = 0,
CMES2 = 0
100
Channel 2 ADC sourced by ACC current sensor,
CMES2 = 1
101
Channel 2 ADC sourced by V(VDD)
110
Channel 2 ADC sourced by V(VBL2)
111
Channel 2 ADC sourced by V(LDA2)
Table 127: ADC channel 2 source selection
ILIM2
Addr. 0x16; bit 7:0
R/W 0xFF
0x00
Channel 2 overcurrent threshold set to the minimum
current in APC mode (EACC2 = 0) or overcurrent
protection disabled in ACC mode (EACC2 = 1)
. . .
Channel 2 overcurrent threshold set to
Ilim = (∆I(LDA), max · n · k), n from 0 to 255
0xFF
Channel 2 overcurrent threshold set to the maximum
current
Table 128: Overcurrent threshold configuration
channel 2
RMD2
Addr. 0x17; bit 7:0
R/W 0xFF
0x00
PLR2 resistor set to the minimum resistance
. . .
PLR2 resistor set to Rmd = Rmd0(1 +
∆
Rmd(%)
100
)n+1,
n from 0 to 255
0xFF
PLR2 resistor set to the maximum resistance
Table 129: MDK resistor channel 2
COMP2
Addr. 0x18; bit 6:4
R/W 011
000
Minimum compensation current for the channel 2
regulator, slower response
. . .
111
Maximum compensation current for the channel 2
regulator, faster response
Table 130: Current compensation channel 2
RLDAS2
Addr. 0x18; bit 3:2
R/W 00
00
V(LDA2) > VBL2-0.5 V sets the LDASAT2 alarm bit
01
V(LDA2) > VBL2-0.8 V sets the LDASAT2 alarm bit
10
V(LDA2) > VBL2-1.0 V sets the LDASAT2 alarm bit
11
V(LDA2) > VBL2-1.2 V sets the LDASAT2 alarm bit
Table 131: LDA saturation threshold selection
channel 2
REF2
Addr. 0x18/19; bit 9:0
R/W 0x000
0x000
Channel 2 regulator reference voltage set to
minimum voltage
. . .
Channel 2 regulator reference voltage set to
Vref = Vref0(1 +
∆
Vref (%)
100
)n+1, n from 0 to 1023
0x3FF
Channel 2 regulator reference voltage set to
maximum voltage
Table 132: Regulator voltage reference channel 2
RACC2
Addr. 0x1A; bit 4
R/W 0
0
Current range high for channel 2, Current sensor
resistor (Rsensex) set to 2kΩ
1
Current range low for channel 2, Current sensor
resistor (Rsensex) set to 16kΩ
Table 133: Current range configuration channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com