Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HTP Datasheet(PDF) 12 Page - IC-Haus GmbH

Part # IC-HTP
Description  DUAL CW P-TYPE LASER DIODE DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTP Datasheet(HTML) 12 Page - IC-Haus GmbH

Back Button IC-HTP Datasheet HTML 8Page - IC-Haus GmbH IC-HTP Datasheet HTML 9Page - IC-Haus GmbH IC-HTP Datasheet HTML 10Page - IC-Haus GmbH IC-HTP Datasheet HTML 11Page - IC-Haus GmbH IC-HTP Datasheet HTML 12Page - IC-Haus GmbH IC-HTP Datasheet HTML 13Page - IC-Haus GmbH IC-HTP Datasheet HTML 14Page - IC-Haus GmbH IC-HTP Datasheet HTML 15Page - IC-Haus GmbH IC-HTP Datasheet HTML 16Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
prel
imin
ary
prel
imin
ary
iC-HTP
DUAL CW P-TYPE LASER DIODE DRIVER
Rev B1, Page 12/51
REF2(7:0)
REGISTERS
SPI/I2C
ADC2(7:0)
0x19
VDD UNDERVOLTAGE
..10 nF..
SLAVE
RAM
ADCC1(2:0)
ILIM2(7:0)
ADC1(9:8)
..10 nF..
0x10
D
A
CHECK
IO DRIVERS
RMD1(7:0)
0x12
0x17
0x30
0x3F
0x18
REF2(9:8)
0
RMD2(7:0)
INTEGRITY
OVT
0x04
ADC1(7:0)
0x02
LASER CHANNEL 1
OVC
8 Bit
A
D
0.25V/0.125V
RM2
0x11
ILIM1(7:0)
CONTROL
Signal Level Converter
x2
0x16
LASER CHANNEL 2
VDD REGULATOR
TEMPERATURE
MEMERR
0x05
ADC2(9:8)
RM1
10 Bit
VB UNDERVOLTAGE
0x13
REF1(7:0)
REF1(9:8)
1μF
DUAL CW LASER DIODE DRIVER
0x14
CFGTIMO
WATCHDOG
WATCHDOG
TIMER
OSCILLATOR
LASER
0x06
TEMP(7:0)
ACC
PODO
0x10
1μF
MONITOR 8 Bit
RAM
0x03
APC
8 Bit
R
255
0x1F
x1
CI2
P
CI1
I LDA1
+
-
CVDD
CVB
I LDA2
P
MRH2
MDK2
VB
VDD
EMC
DISP1
GND
VB
CI
MRH1
MDK1
+
-
CI1
DCO
GND
Check
NCHK
EC1
NSTBY
INS/WKR
MISO/SDA
SCLK/SCL
MOSI/A0
NCS/A1
EC2
EMC
T.PAD
VDD
VB
REF
LDA1
OVC
CIH1
VBL1
VB
CI2
VBL2
CIH2
LDA2
CI2
CI1
P
I LDA1
P
I LDA2
CVB
CVDD
Figure 4: iC-HTP in iC-WK mode with P-type laser diode and reference VDD-0.125V
In the configuration from figures 3 and 4 pin NSTBY
is connected to VB. This is required to force iC-HTP
leaving standby mode and starting normal operation,
as the pin includes an internal pull-down resistor.
Laser channel enabling
Setting pins EC1, EC2 to hi enables the corresponding
channels. In order to ensure safe operation of iC-HTP,
several events automatically disable both output chan-
nels:
• Pins INS/WKR or EMC left unconnected (IN-
SOPEN, EMCOPEN), iC-HTP enters error mode
and the laser channels cannot be enabled.
• Supply power-down either at VB (PDOVBLx) or
VDD (PDOVDD), the laser channels are uncondi-
tionally disabled during the power down event.
• Overcurrent (OVC) or overtemperature (OVT),
laser channels are switched off. Cycling pins EC1,
EC2 or a power-up is required to switch on the
laser again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com