Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HTP Datasheet(PDF) 49 Page - IC-Haus GmbH

Part # IC-HTP
Description  DUAL CW P-TYPE LASER DIODE DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTP Datasheet(HTML) 49 Page - IC-Haus GmbH

Back Button IC-HTP Datasheet HTML 43Page - IC-Haus GmbH IC-HTP Datasheet HTML 44Page - IC-Haus GmbH IC-HTP Datasheet HTML 45Page - IC-Haus GmbH IC-HTP Datasheet HTML 46Page - IC-Haus GmbH IC-HTP Datasheet HTML 47Page - IC-Haus GmbH IC-HTP Datasheet HTML 48Page - IC-Haus GmbH IC-HTP Datasheet HTML 49Page - IC-Haus GmbH IC-HTP Datasheet HTML 50Page - IC-Haus GmbH IC-HTP Datasheet HTML 51Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
prel
imin
ary
prel
imin
ary
iC-HTP
DUAL CW P-TYPE LASER DIODE DRIVER
Rev B1, Page 49/51
General configuration registers
RDCO
Addr. 0x1B; bit 5:0
R/W 0x02
0x00
No current
. . .
0x3F
Typ. 130 µA (cf. Electrical Characteristics No. D01)
Table 138: Digital current output register
MERGE
Addr. 0x1B; bit 6
R/W 0
0
Channel 1 and 2 operate independently
1
Power transistor from channel 2 usable in parallel
with channel 1, regulation made by channel 1
Table 139: Channel combination
MODE(1:0)
Addr. 0x1C; bit 1:0
R/W 01
00
Not allowed
01
Chip set in operation mode
(apply configuration, latch transparent)
10
Chip set in configuration mode
(hold previous configuration)
11
Not allowed
Table 140: Configuration and operation mode
MOSCERR
Addr. 0x1D; bit 0
R/W 0
0
Oscillator error (watchdog) will be signaled at NCHK
1
Oscillator error (watchdog) will not be signaled at
NCHK
Table 141: Oscillator watchdog error mask
MMONC
Addr. 0x1D; bit 1
R/W 1
0
MONC1 and MONC2 event
will be signaled at NCHK
1
MONC1 and MONC2 event
will not be signaled at NCHK
Table 142: Monitor channel 1 and 2 event mask
MLDASAT1
Addr. 0x1D; bit 2
R/W 1
0
LDASAT1 event will be signaled at NCHK
1
LDASAT1 event will not be signaled at NCHK
Table 143: LDA saturation error mask channel 1
MLDASAT2
Addr. 0x1D; bit 3
R/W 1
0
LDASAT2 event will be signaled at NCHK
1
LDASAT2 event will not be signaled at NCHK
Table 144: LDA saturation error mask channel 2
SOVT
Addr. 0x1D; bit 4
R/W 0
0
No overtemperature event is simulated
1
Overtemperature event simulated
Table 145: Simulate overtemperature
SOVC1
Addr. 0x1D; bit 5
R/W 0
0
No Overcurrent event at channel 1 is simulated
1
Overcurrent event at channel 1 simulated
Table 146: Simulate overcurrent channel 1
SOVC2
Addr. 0x1D; bit 6
R/W 0
0
No overcurrent event at channel 2 is simulated
1
Overcurrent event at channel 2 simulated
Table 147: Simulate overcurrent channel 2
SOSCERR
Addr. 0x1D; bit 7
R/W 0
0
No oscillator error simulated
1
Oscillator error simulated (watchdog timeout)
Table 148: Simulate oscillator error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com