Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HTP Datasheet(PDF) 38 Page - IC-Haus GmbH

Part # IC-HTP
Description  DUAL CW P-TYPE LASER DIODE DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTP Datasheet(HTML) 38 Page - IC-Haus GmbH

Back Button IC-HTP Datasheet HTML 34Page - IC-Haus GmbH IC-HTP Datasheet HTML 35Page - IC-Haus GmbH IC-HTP Datasheet HTML 36Page - IC-Haus GmbH IC-HTP Datasheet HTML 37Page - IC-Haus GmbH IC-HTP Datasheet HTML 38Page - IC-Haus GmbH IC-HTP Datasheet HTML 39Page - IC-Haus GmbH IC-HTP Datasheet HTML 40Page - IC-Haus GmbH IC-HTP Datasheet HTML 41Page - IC-Haus GmbH IC-HTP Datasheet HTML 42Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
prel
imin
ary
prel
imin
ary
iC-HTP
DUAL CW P-TYPE LASER DIODE DRIVER
Rev B1, Page 38/51
DIGITAL INTERFACE AND MEMORY INTEGRITY MONITOR
iC-HTP provides a microcontroller slave interface by se-
lection on the EMC pin. iC-HTP support the interfaces
SPI or I2C that are selected by the INS/WKR pin.
EMC
Addr. Pin;
lo
iC-WK-mode, digital interfaces disabled
Open
Not allowed, error signaled
hi
MCU mode, interface selected by INS/WKR enabled
Table 79: Enable microcontroller
INS/WKR
Addr. Pin;
lo
SPI interface selected
Open
Not allowed, error signaled.
hi
I2C interface selected
Table 80: Interface selection I2C or SPI
The configuration memory is integrity monitored and
atomic executable (all at once: changes of the con-
figurations without any direct effects, the changes are
executed at once by command ) to the functional blocks
of iC-HTP.
Integrity monitoring is implemented by a duplication of
the configuration registers into a validation page (see
description below) where the register are automatically
copied with inverted value. Every register bit is com-
pared with its validation copy and in case of difference,
a memory error is generated and both laser channels
are switched off.
Atomic appliance is achieved by latching the configura-
tion registers. This permits a full configuration (different
registers) to be made prior to apply it to the laser chan-
nels. iC-HTP has two different modes selectable by the
MODE(1:0) register (addr. 0x1C).
MODE(1:0)
Addr. 0x1C; bit 1:0
R/W 01
00
Not allowed
01
Chip set in operation mode
(apply configuration, latch transparent)
10
Chip set in configuration mode
(hold previous configuration)
11
Not allowed
Table 81: Configuration and operation mode
In Configuration mode, the configuration memory
(addr. 0x10 to 0x1F) can be written and read back
to check a correct communication without changing the
present configured operation state of the iC-HTP. In this
mode, the memory integrity check is disabled.
iC-HTP will monitor the time elapsed in configuration
mode and automatically switch the laser off if it exceeds
a configuration mode timeout. The time in configura-
tion mode must be less than 40 ms for ensuring that
no configuration timeout occurs during configuration (cf.
Electrical Characteristics No. E02). The timeout can be
up to 164 ms.
When writing the configuration is completed, iC-HTP is
switched to operation mode by writing "0b01" into the
MODE register (addr. 0x1C). In operation mode the
configuration is applied to the iC-HTP and the memory
integrity check activated. In this mode configuration
registers can only be read (except MODE(1:0) regis-
ter, which is always accessible). Figure 22 shows the
interface to memory structure.
RNW
RNW_RAM
MEMERR
LATCH
CFG(127:0)
CHECK
ERROR
DB(7:0)
RAM
Addr.
Decoder
RNW_VAL
VALIDATION
SPI / I2C
Addr. 0x1C
0x10
0x1F
MODE
0x30
0x3F
ADR(6:0)
Figure 22: Interface, RAM integrity monitoring and configuration latching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com