Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HTP Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-HTP
Description  DUAL CW P-TYPE LASER DIODE DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTP Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-HTP Datasheet HTML 5Page - IC-Haus GmbH IC-HTP Datasheet HTML 6Page - IC-Haus GmbH IC-HTP Datasheet HTML 7Page - IC-Haus GmbH IC-HTP Datasheet HTML 8Page - IC-Haus GmbH IC-HTP Datasheet HTML 9Page - IC-Haus GmbH IC-HTP Datasheet HTML 10Page - IC-Haus GmbH IC-HTP Datasheet HTML 11Page - IC-Haus GmbH IC-HTP Datasheet HTML 12Page - IC-Haus GmbH IC-HTP Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
prel
imin
ary
prel
imin
ary
iC-HTP
DUAL CW P-TYPE LASER DIODE DRIVER
Rev B1, Page 9/51
OPERATING REQUIREMENTS: SPI and I2C Interface
Operating Conditions: VB = 2.8 . . . 11 V , Tj = -40 . . . 125 °C
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
SPI / I2C Interface Timing
I001 tsCCL
Setup Time:
NCS/A1 hi → lo before SCLK lo → hi
INS/WKR = lo
20
ns
I002 tsDCL
Setup Time:
MOSI/A0 stable before SCLK/SCL lo →
hi
INS/WKR = lo
20
ns
I003 thDCL
Hold Time:
MOSI/A0 stable after SCLK/SCL lo → hi
INS/WKR = lo
20
ns
I004 tCLH
Signal Duration SCLK/SCL hi
INS/WKR = lo
50
ns
I005 tCLI
Signal Duration SCLK/SCL lo
INS/WKR = lo
50
ns
I006 thCLC
Hold Time: NCS/A1 lo after SCLK/SCL
hi → lo
INS/WKR = lo
20
ns
I007 tCSH
Signal Duration NCS/A1 hi
INS/WKR = lo
50
ns
I008 tpCLD
Propagation Delay:
MISO/SDA stable after SCLK/SCL hi →
lo
INS/WKR = lo, V(VDD) > 3 V, Cload = 10 pF, no
external pull-up
0
30
ns
I009 tHIZ
MISO to HIZ delay
INS/WKR = lo, HIZ = high impedance state
0
25
ns
I010 f(SCLK)
SPI clock frequency
10
MHz
I011 f(SCL)
I2C clock frequency
400
kHz
tCSH
tCLL
thCLC
SCLK/SCL
tsCCL
MOSI/A0
tsDCL
thDCL
tpCLD
tHIZ
MISO/SDA
NCS/A1
tCLH
Figure 1: SPI interface timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com