Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HTP Datasheet(PDF) 51 Page - IC-Haus GmbH

Part # IC-HTP
Description  DUAL CW P-TYPE LASER DIODE DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTP Datasheet(HTML) 51 Page - IC-Haus GmbH

Back Button IC-HTP Datasheet HTML 43Page - IC-Haus GmbH IC-HTP Datasheet HTML 44Page - IC-Haus GmbH IC-HTP Datasheet HTML 45Page - IC-Haus GmbH IC-HTP Datasheet HTML 46Page - IC-Haus GmbH IC-HTP Datasheet HTML 47Page - IC-Haus GmbH IC-HTP Datasheet HTML 48Page - IC-Haus GmbH IC-HTP Datasheet HTML 49Page - IC-Haus GmbH IC-HTP Datasheet HTML 50Page - IC-Haus GmbH IC-HTP Datasheet HTML 51Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 51 / 51 page
background image
prel
imin
ary
prel
imin
ary
iC-HTP
DUAL CW P-TYPE LASER DIODE DRIVER
Rev B1, Page 51/51
ORDERING INFORMATION
Type
Package
Order Designation
iC-HTP
QFN28 5 mm x 5 mm
iC-HTP QFN28-5x5
Evaluation
Board
100 mm x 80 mm eval board
iC-HTP EVAL HTP1D
Please send your purchase orders to our order handling team:
Fax: +49 (0) 61 35 - 92 92 - 692
E-Mail: dispo@ichaus.com
For technical support, information about prices and terms of delivery please contact:
iC-Haus GmbH
Tel.: +49 (0) 61 35 - 92 92 - 0
Am Kuemmerling 18
Fax: +49 (0) 61 35 - 92 92 - 192
D-55294 Bodenheim
Web: http://www.ichaus.com
GERMANY
E-Mail: sales@ichaus.com
Appointed local distributors: http://www.ichaus.com/sales_partners



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com