Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HTP Datasheet(PDF) 26 Page - IC-Haus GmbH

Part # IC-HTP
Description  DUAL CW P-TYPE LASER DIODE DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTP Datasheet(HTML) 26 Page - IC-Haus GmbH

Back Button IC-HTP Datasheet HTML 22Page - IC-Haus GmbH IC-HTP Datasheet HTML 23Page - IC-Haus GmbH IC-HTP Datasheet HTML 24Page - IC-Haus GmbH IC-HTP Datasheet HTML 25Page - IC-Haus GmbH IC-HTP Datasheet HTML 26Page - IC-Haus GmbH IC-HTP Datasheet HTML 27Page - IC-Haus GmbH IC-HTP Datasheet HTML 28Page - IC-Haus GmbH IC-HTP Datasheet HTML 29Page - IC-Haus GmbH IC-HTP Datasheet HTML 30Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
prel
imin
ary
prel
imin
ary
iC-HTP
DUAL CW P-TYPE LASER DIODE DRIVER
Rev B1, Page 26/51
SERIAL COMMUNICATION INTERFACES
SPI slave interface
The SPI slave interface is enabled by setting pin
INS/WKR to lo and uses pins NCS/A1, SCLK/SCL,
MISO/SDA and MOSI/A0. Pin NCS/A1 is the chip se-
lect pin and must be set lo by the SPI master in order
to start communication. Pins MISO/SDA and MOSI/A0
are the data communication lines and pin SCLK/SCL
is the clock line generated by the SPI master (e.g. mi-
crocontroller). The SPI protocol frames are shown in
figure 13.
A communication frame consists of one address byte
and at least one data byte. Bits 7:6 of the address byte
is the opcode used for selecting a read operation (set
to "10") or a write (set to "01") operation. The remaining
6 bits are used for register addressing.
It is possible to transmit several bytes consecutively,
if the NCS signal is not reset and SCLK/SCL keeps
clocking, as it is shown in figure 13. The address is in-
ternally incremented after each transmitted byte. Once
the address reaches the last register (0x3F), it is reset
back to 0x00.
13
14
15
MOSI
SPI READ COMMAND FRAME. OPCODE = 10, POLARITY = 0, PHASE = 0
SPI WRITE COMMAND FRAME. OPCODE = 01, POLARITY = 0, PHASE = 0
NCS
Don't care
16
17
Data n
HIZ
MISO
HIZ (Pull-Up) Don't care
Data 1 MSB first
Data 2
Init Addr.(5:0) MSB first
SCLK
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
MOSI
0
1
SCLK
Data 1 MSB first
Data 2
16
17
Data n
Don't care
MISO
HIZ (Pull-Up) Don't care
NCS
2
Init Addr.(5:0) MSB first
3
4
5
6
7
8
9
10
11
12
Figure 13: SPI read and write commands
I2C slave interface
The I2C slave interface is enabled by setting pin
INS/WKR to hi and uses pins NCS/A1, SCLK/SCL,
MISO/SDA and MOSI/A0. The protocol frames are
shown in figure 14.
A communication frame consists of one slave address
byte, one register address byte and at least one data
byte. Bits 7:1 of the slave address byte form the slave
identification code (ID) and bit 0 is used for specification
of the data direction (0 for write, 1 for read). The slave
ID consists of 7 bits. The five most significant bits are
fixed by default to value 0b10000. Pins MOSI/A0 and
NCS/A1 are used to set the remaining slave ID bits
(see table 55 and 56).
Action
b7 b6 b5 b4 b3 b2 b1 b0
Write to slave
1
0
0
0
0
A1 A0
0
Read from slave
1
0
0
0
0
A1 A0
1
Table 55: I2C write/read byte
Action
A1 A0 Slave ID Address byte
Write to slave 0
lo
lo
0x40
0x80
Read from slave 0
lo
lo
0x40
0x81
Write to slave 1
lo
hi
0x41
0x82
Read from slave 1
lo
hi
0x41
0x83
Write to slave 2
hi
lo
0x42
0x84
Read from slave 2
hi
lo
0x42
0x85
Write to slave 3
hi
hi
0x43
0x86
Read from slave 3
hi
hi
0x43
0x87
Table 56: I2C write/read address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com