Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-HTP Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-HTP
Description  DUAL CW P-TYPE LASER DIODE DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTP Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-HTP Datasheet HTML 7Page - IC-Haus GmbH IC-HTP Datasheet HTML 8Page - IC-Haus GmbH IC-HTP Datasheet HTML 9Page - IC-Haus GmbH IC-HTP Datasheet HTML 10Page - IC-Haus GmbH IC-HTP Datasheet HTML 11Page - IC-Haus GmbH IC-HTP Datasheet HTML 12Page - IC-Haus GmbH IC-HTP Datasheet HTML 13Page - IC-Haus GmbH IC-HTP Datasheet HTML 14Page - IC-Haus GmbH IC-HTP Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
prel
imin
ary
prel
imin
ary
iC-HTP
DUAL CW P-TYPE LASER DIODE DRIVER
Rev B1, Page 11/51
iC-WK MODE
Setting pin EMC = lo configures iC-HTP for iC-WK
mode. EMC pin must be set using a pull-down resistor
or directly short-circuited to GND pin.
In iC-WK mode both channels operate in APC mode.
The internal programmable logarithmic monitor resis-
tors are disabled, therefore connection of external re-
sistors at pins MDKx is required.
The APC reference can be set to two different values by
means of pin INS/WKR, as it is explained in table 5, and
the overcurrent threshold is set to its maximum value
of 750 mA (cf. Electrical Characteristics No. 107). In
case of overcurrent, the respective channel is disabled.
For re-enabling the channel, the corresponding ECx pin
must be set lo and then back hi.
Reference Voltage in iC-WK mode
INS/WKR
Reference Voltage
Lo
VDD-0.125 V
Hi
VDD-0.250 V
Table 5: Reference selection (cf. Electrical Characteris-
tics No. 110 )
External CI capacitors must be added in this operation
mode at pins CIx and CIHx. Figure 3 shows an exam-
ple in iC-WK mode using an P-type laser diode, where
VDD-0.250 V reference is selected. Figure 4 presents
the same configuration with an P-type laser diode and
reference VDD-0.125 V.
CHECK
IO DRIVERS
RMD1(7:0)
0x12
0x18
REF2(9:8)
0x17
0x04
ADC1(7:0)
0x02
LASER CHANNEL 1
OVC
8 Bit
A
D
0.25V/0.125V
RM2
0x11
ILIM1(7:0)
CONTROL
Signal Level Converter
REF2(7:0)
REGISTERS
SPI/I2C
ADC2(7:0)
0x19
MEMERR
0x05
ADC2(9:8)
RM1
10 Bit
VDD UNDERVOLTAGE
..10 nF..
REF1(9:8)
1μF
ADCC1(2:0)
SLAVE
RAM
ILIM2(7:0)
WATCHDOG
WATCHDOG
TIMER
OSCILLATOR
LASER
0x06
TEMP(7:0)
ACC
PODO
0x10
1μF
MONITOR 8 Bit
RAM
0x03
ADC1(9:8)
..10 nF..
0x10
D
A
APC
8 Bit
R
255
0x1F
0x30
0x3F
x1
x2
0
RMD2(7:0)
INTEGRITY
OVT
0x16
LASER CHANNEL 2
VDD REGULATOR
TEMPERATURE
VB UNDERVOLTAGE
0x13
REF1(7:0)
DUAL CW LASER DIODE DRIVER
0x14
CFGTIMO
CI2
CVB
P
I LDA2
P
CI1
I LDA1
+
-
+
-
CVDD
MRH2
MDK2
VB
VDD
EMC
DISP1
GND
VB
CI
MDK1
MRH1
CI1
DCO
GND
Check
NCHK
EC1
NSTBY
INS/WKR
MISO/SDA
SCLK/SCL
MOSI/A0
NCS/A1
EC2
EMC
T.PAD
VDD
VB
REF
LDA1
OVC
CIH1
VBL1
VB
CI2
VBL2
CIH2
LDA2
P
CVB
CI2
I LDA1
CI1
P
I LDA2
CVDD
Figure 3: iC-HTP in iC-WK mode with P-type laser diode and reference VDD-0.250V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com