Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8055 Datasheet(PDF) 7 Page - Micro Electronics

Part # TH8055
Description  Single Wire CAN Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

TH8055 Datasheet(HTML) 7 Page - Micro Electronics

Back Button TH8055 Datasheet HTML 3Page - Micro Electronics TH8055 Datasheet HTML 4Page - Micro Electronics TH8055 Datasheet HTML 5Page - Micro Electronics TH8055 Datasheet HTML 6Page - Micro Electronics TH8055 Datasheet HTML 7Page - Micro Electronics TH8055 Datasheet HTML 8Page - Micro Electronics TH8055 Datasheet HTML 9Page - Micro Electronics TH8055 Datasheet HTML 10Page - Micro Electronics TH8055 Datasheet HTML 11Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TH8055
Single Wire CAN Transceiver
390108055
Page 7 of 15
Rev. 1.1a
Jan 2002
Static Characteristics
VBAT = 5.0 to 18V, TA = -40 to +125°C, unless otherwise specified
All voltages are refered to ground, positive currents flow into the IC.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
PIN VBAT
Operating supply voltage
VBAT
5.0
12
18
V
Undervoltage lock out
VBATUV
4.5
4.95
V
Overvoltage lock out
VBATOV
18.5
21
V
Normal mode supply current, dominant
IBATNd
VBAT = 18V
MODE0=MODE1=H, TxD=L,
noload
3.5
5
mA
Normal mode supply current, recessiv
IBATNr
VBAT = 18V
MODE0=MODE1=H, TxD open
3.5
5
mA
Wake up mode supply current
IBATW
VBAT = 18V
MODE0=L,MODE1=H, TxD=L
4
5
mA
Sleep mode supply current
IBATS
VBAT = 18V
TxD, RxD, MODE0, MODE1
open
30
60
µA
PIN CANH
Bus output voltage
VOH
RL > 100
Ω
Normal, high speed mode
5.5V < VBAT < 18V
3.5
4.55
V
Fixed wakeup output high voltage
VOHWUFix Wake-up mode, RL>270Ω
11.2V < VBAT < 18V
9.7
12
V
Offset wakeup output high voltage
VOHWUOffs Wake-up mode, RL>270Ω
5.5V < VBAT < 11.2V
VBAT -1.5
VBAT
V
Recessive state output voltage
VOL
Recessive state or sleep mode,
Rload = 9.1 k
Ω,
0.20
V
Bus short circuit current
ICANSHORT VCANH = 0V, VBAT=18V, TxD=0V
40
150
mA
Bus leakage current during loss of ground [1]
ILKNCAN Loss of ground, VCANH=0V
-50
10
µA
Bus leakage current, bus positive
ILKPCAN TxD high
-10
10
µA
Bus input threshold
VIH
Normal, high-speed mode
1.8
2.2
V
Fixed wakeup input high voltage threshold [2]
VIHWUFix Sleep mode VBAT > 11.2V
6.15
8.1
V
Offset wakeup input high voltage threshold [2] VIHWUOffs Sleep mode
VBAT -4.3
VBAT -3.25
V
Maximum reverse current into CANH
ICANHOVlob VCANH > VBAT
1
mA
Loss of ground detection threshold
VCANHLOG TxD open
-1600
-200
mV
PIN LOAD
Voltage on switched ground pin
VLOAD
IRTH = 5mA
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com