Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8055 Datasheet(PDF) 12 Page - Micro Electronics

Part # TH8055
Description  Single Wire CAN Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

TH8055 Datasheet(HTML) 12 Page - Micro Electronics

Back Button TH8055 Datasheet HTML 7Page - Micro Electronics TH8055 Datasheet HTML 8Page - Micro Electronics TH8055 Datasheet HTML 9Page - Micro Electronics TH8055 Datasheet HTML 10Page - Micro Electronics TH8055 Datasheet HTML 11Page - Micro Electronics TH8055 Datasheet HTML 12Page - Micro Electronics TH8055 Datasheet HTML 13Page - Micro Electronics TH8055 Datasheet HTML 14Page - Micro Electronics TH8055 Datasheet HTML 15Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TH8055
Single Wire CAN Transceiver
390108055
Page 12 of 15
Rev. 1.1a
Jan 2002
Application Circuitry
100nF
TxD
TH8055
RxD
MODE0
MODE1
V
BAT
Voltage regulator
+5V
V
BAT
ECU connector to
Single Wire CAN Bus
LOAD
CANH
GND
VBAT
47µH
9.1kOhm
220pF
2.5kOhm
2.2uF
Copper Foil
Heat Sink
>25mm2
ESD Protection -
TPSMA16A or
MMBZ27VCLT1 or
equivalent - if needed
1N4001
5
6
7
4
2
3
1
8
Figure 5 - Application Circuitry
TH8055
CAN
Controller
V
BAT
100nF
RX0
TX0
CANH
RTH
NSTB
EN
9.1k; 1%
47µH
220pF
TH8055
CAN
Controller
V
BAT
100nF
RX0
TX0
CANH
RTH
NSTB
EN
9.1k; 1%
47µH
220pF
Figure 6 - CAN Network Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com