Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8055 Datasheet(PDF) 1 Page - Micro Electronics

Part # TH8055
Description  Single Wire CAN Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

TH8055 Datasheet(HTML) 1 Page - Micro Electronics

  TH8055 Datasheet HTML 1Page - Micro Electronics TH8055 Datasheet HTML 2Page - Micro Electronics TH8055 Datasheet HTML 3Page - Micro Electronics TH8055 Datasheet HTML 4Page - Micro Electronics TH8055 Datasheet HTML 5Page - Micro Electronics TH8055 Datasheet HTML 6Page - Micro Electronics TH8055 Datasheet HTML 7Page - Micro Electronics TH8055 Datasheet HTML 8Page - Micro Electronics TH8055 Datasheet HTML 9Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TH8055
Single Wire CAN Transceiver
390108055
Page 1 of 15
Rev. 1.1a
Jan 2002
Features and Benefits
Fully compatible with J2411 Single Wire CAN specification for Class B in vehicle
communications
30 µA typical power consumption in sleep mode independent from CAN voltage range
Operating voltage range 5…18V
Up to 100 kbps high-speed transmission mode
Up to 40 kbps bus speed
Selective BUS wakeup
Low RFI due to output wave shaping
Fully integrated receiver filter
Bus terminals proof against short-circuits and transients in automotive environment
Loss of ground protection
Protection against load dump, jump start
Thermal overload and short circuit protection
ESD protection of 4 kV on CAN pin (2kV on any other pin)
Under- and over voltage lock out
Bus dominant timeout feature
Ordering Information
Part No.
Temperature Suffix
Package
TH8055
J (-40 ….125 °C)
DC (SOIC 150mil)
General Description
The TH8055 is a physical layer device for a single wire
data link capable of operating with various CSMA/CR
protocols such as the Bosch Controller Area Network
(CAN) version 2.0.
This serial data link network is
intended for use in applications where high data rate is
not required and a lower data rate can achieve cost
reductions in both the physical media components and
in the microprocessor and/or dedicated logic devices
which use the network.
The network shall be able to operate in either the
normal data rate mode or a high speed data download
mode for assembly line and service data transfer
operations. The high speed mode is only intended to be
operational when the bus is attached to an off-board service
node. This node shall provide temporary bus electrical loads
which facilitate higher speed operation.
Such temporary
loads shall be removed when not performing download
operations.
The bit rate for normal communications is typically 33 kbit/s,
for high speed transmissions like described above a typical
bit rate of 83 kbit/s is recommended. The TH8055 is
designed in accordance to the Single Wire CAN Physical
Layer Specification GMW3089 V1.4 and supports many
additional features like undervoltage lockout , timeout for
faulty blocked input signals, output blanking time in case of
bus ringing and a very low sleep mode current.


Similar Part No. - TH8055

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
Single Wire CAN Transceiver
TH8055JDC MELEXIS-TH8055JDC Datasheet
819Kb / 20P
Single Wire CAN Transceiver
More results

Similar Description - TH8055

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU5790 PHILIPS-AU5790 Datasheet
120Kb / 20P
Single wire CAN transceiver
2001 May 18
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_07 Datasheet
218Kb / 24P
Single Wire CAN Transceiver
January, 2007 ??Rev. 5
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
Single Wire CAN Transceiver
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_07 Datasheet
512Kb / 20P
Single Wire CAN Transceiver
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_10 Datasheet
280Kb / 24P
Single Wire CAN Transceiver
January, 2010 ??Rev. 8
logo
Freescale Semiconductor...
MC33897CTEFR2 FREESCALE-MC33897CTEFR2 Datasheet
413Kb / 19P
Single Wire CAN Transceiver
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_15 Datasheet
205Kb / 24P
Single Wire CAN Transceiver
December, 2015 ??Rev. 10
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
Single Wire CAN Transceiver
January, 2017 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com