Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8055 Datasheet(PDF) 11 Page - Micro Electronics

Part # TH8055
Description  Single Wire CAN Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

TH8055 Datasheet(HTML) 11 Page - Micro Electronics

Back Button TH8055 Datasheet HTML 7Page - Micro Electronics TH8055 Datasheet HTML 8Page - Micro Electronics TH8055 Datasheet HTML 9Page - Micro Electronics TH8055 Datasheet HTML 10Page - Micro Electronics TH8055 Datasheet HTML 11Page - Micro Electronics TH8055 Datasheet HTML 12Page - Micro Electronics TH8055 Datasheet HTML 13Page - Micro Electronics TH8055 Datasheet HTML 14Page - Micro Electronics TH8055 Datasheet HTML 15Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TH8055
Single Wire CAN Transceiver
390108055
Page 11 of 15
Rev. 1.1a
Jan 2002
V
RxD
V
CANH
t
wu
t
t
V
IHWU
V
IH
t
WU < tWUF
t
WU
t
WUF
wake up
interrupt
Figure 3 - Wake Up Filter Time Delay
V
RxD
V
CANH
V
TxD
V
ih
t
RB
50%
t
t
t
50%
Figure 4 - Receive Blanking Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com