Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8055 Datasheet(PDF) 5 Page - Micro Electronics

Part # TH8055
Description  Single Wire CAN Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

TH8055 Datasheet(HTML) 5 Page - Micro Electronics

  TH8055 Datasheet HTML 1Page - Micro Electronics TH8055 Datasheet HTML 2Page - Micro Electronics TH8055 Datasheet HTML 3Page - Micro Electronics TH8055 Datasheet HTML 4Page - Micro Electronics TH8055 Datasheet HTML 5Page - Micro Electronics TH8055 Datasheet HTML 6Page - Micro Electronics TH8055 Datasheet HTML 7Page - Micro Electronics TH8055 Datasheet HTML 8Page - Micro Electronics TH8055 Datasheet HTML 9Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TH8055
Single Wire CAN Transceiver
390108055
Page 5 of 15
Rev. 1.1a
Jan 2002
CAN BUS input/output pin
Wave Shaping in normal and wake up mode
Wave shaping is incorporated into the transmitter to
minimize EMI radiated emissions.
An important
contributor to emissions is the rise and fall times
during output transitions at the “corners” of the
voltage waveform.
The resultant waveform is one
half of a sin wave of frequency 50 - 65 kHz at the
rising waveform edge and one quarter of this sin
wave at falling or trailing edge.
Wave Shaping in high speed mode
Wave shaping control of the rising and falling
waveform edges are disabled during high speed
mode.
EMI emissions requirements are waived
during this mode. The waveform rise time in this
mode is less than one
µs.
Short circuits
If the CAN BUS pin is shorted to ground for any
duration of time, an over temperature shut down
circuit disables the output high side drive source
transistor before the local die temperature exceeds
the damage limit threshold.
Loss of ground
If the CANH voltage decreases under the specified
value below the ECU - ground, the LOAD pin is
switched into high impedance state. The CANH
transmission is continued until the undervoltage lock
out voltage threshold is detected.
Loss of battery
In case of loss of battery (VBAT = 0 or open) the
transceiver do not disturb bus communication. The
maximum reverse current into power supply system
doesn‘t exceed 500µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com