Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8055 Datasheet(PDF) 9 Page - Micro Electronics

Part # TH8055
Description  Single Wire CAN Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

TH8055 Datasheet(HTML) 9 Page - Micro Electronics

Back Button TH8055 Datasheet HTML 5Page - Micro Electronics TH8055 Datasheet HTML 6Page - Micro Electronics TH8055 Datasheet HTML 7Page - Micro Electronics TH8055 Datasheet HTML 8Page - Micro Electronics TH8055 Datasheet HTML 9Page - Micro Electronics TH8055 Datasheet HTML 10Page - Micro Electronics TH8055 Datasheet HTML 11Page - Micro Electronics TH8055 Datasheet HTML 12Page - Micro Electronics TH8055 Datasheet HTML 13Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TH8055
Single Wire CAN Transceiver
390108055
Page 9 of 15
Rev. 1.1a
Jan 2002
Dynamic Characteristics
All dynamic values of the table below refer to the timing diagrams on page 6.
(5.5V
≤ V
BAT
≤ 18V, -40°C ≤ T
A
≤ 125°C, unless otherwise specified)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Transmit delay in normal and wake up mode
tT
max. and min bus load, 50%
TXD high level to VCANH=2.2V
3
6.3
µs
Transmit delay in high-speed mode
tTHS
max. and min bus load, 50%
TXD high level to VCANH=2.2V
0.2
1.5
µs
Receive delay in all active modes
tDR
CANH to RxD, VCANH=2V ,
RxD=L to H
0.3
1
µs
Receive delay in all active modes
tRD
CANH to RxD, VCANH=2V ,
RxD=L to H
0.3
1
µs
Input minimum pulse length, all active modes
trp
CANH to RxD, VCANH=2V ,
RxD=H to L
0.2
1
µs
Input minimum pulse length, all active modes
tpr
CANH to RxD, VCANH=2V ,
RxD=L to H
0.2
1
µs
Bus output rise time (30%-70%)
tR
Normal mode, max. and min
bus loads,VBAT=12V
0.6
1.4
µs
Bus output fall time (70%-30%)
tF
Normal mode, max. and min
bus loads, VBAT=12V
1.3
4.7
µs
Bus output rise time (30%-70%)
tRHS
High-speed mode, max. and
min. bus loads, VBAT=12V
0.5
µs
Bus output fall time (70%-30%)
tFHS
High-speed mode, max. and
min. bus loads, VBAT=12V
1.6
2.5
µs
Wakeup filter time delay
tWUF
See Timing diagrams
10
70
µs
Receive blanking time after TxD L-H transition
tRB
See Timing diagrams
2
6
µs
TxD timeout reaction time
tTOUT
Normal and high speed mode
12
ms
TxD timeout reaction time
tTOUTWA Wake up mode
20
ms
Delay from normal to high speed modes
tDNHS
30
µs
Delay from normal to wake up mode
tDNHV
30
µs
Delay from normal to sleep modes
tDNS
500
µs
Delay from sleep to normal and wake up mode
tdsnwu
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com