Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8055 Datasheet(PDF) 10 Page - Micro Electronics

Part # TH8055
Description  Single Wire CAN Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

TH8055 Datasheet(HTML) 10 Page - Micro Electronics

Back Button TH8055 Datasheet HTML 6Page - Micro Electronics TH8055 Datasheet HTML 7Page - Micro Electronics TH8055 Datasheet HTML 8Page - Micro Electronics TH8055 Datasheet HTML 9Page - Micro Electronics TH8055 Datasheet HTML 10Page - Micro Electronics TH8055 Datasheet HTML 11Page - Micro Electronics TH8055 Datasheet HTML 12Page - Micro Electronics TH8055 Datasheet HTML 13Page - Micro Electronics TH8055 Datasheet HTML 14Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TH8055
Single Wire CAN Transceiver
390108055
Page 10 of 15
Rev. 1.1a
Jan 2002
Bus loading requirements
Parameter
Symbol
Min
Typ
Max
Unit
Number of system nodes
2
32
Network distance between any two ECU nodes
Bus length
60
m
Node series Inductor Resistance
Rind
2.3
Ω
EMC Inductor voltage drop
Vind
0.3
V
Ground offset voltage
Vgoff
0.8
V
Device capacitance (unit load)
Cul
198
220
242
pF
Network total capacitance
Ctl
396
13700
pF
Device resistance (unit load)
Rul
9009
9100
9191
Ω
Device resistance (min load)
Rmin
2000
Ω
Network total resistance
Rtl
270
4596
Ω
Network time constant [1]
τ
1
4
µs
High speed mode network resistance to GND
Rload
100
185
Ω
Timing Diagrams
t
T
V
RxD
V
CANH
V
TxD
30%
70%
t
D
t
DR
50%
50%
t
R
t
F
t
t
t
Figure 2 - Input/Output Timing
[1] The network time constant incorporates the bus wiring capacitance. The minimum value is selected to limit radiated
emission. The maximum value is selected to ensure proper communication modes. Not all combinations of R and C are
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com