Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH8055 Datasheet(PDF) 8 Page - Micro Electronics

Part # TH8055
Description  Single Wire CAN Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

TH8055 Datasheet(HTML) 8 Page - Micro Electronics

Back Button TH8055 Datasheet HTML 4Page - Micro Electronics TH8055 Datasheet HTML 5Page - Micro Electronics TH8055 Datasheet HTML 6Page - Micro Electronics TH8055 Datasheet HTML 7Page - Micro Electronics TH8055 Datasheet HTML 8Page - Micro Electronics TH8055 Datasheet HTML 9Page - Micro Electronics TH8055 Datasheet HTML 10Page - Micro Electronics TH8055 Datasheet HTML 11Page - Micro Electronics TH8055 Datasheet HTML 12Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TH8055
Single Wire CAN Transceiver
390108055
Page 8 of 15
Rev. 1.1a
Jan 2002
Parameter
Symbol
Condition
Min
Typ
Max
Unit
PIN TXD,MODE0,MODE1
High level input voltage
VIH
3.4
V
Low level input voltage
VIL
1.6
V
TxD pull up current
IIL_TXD
TxD=L, MODE0 and 1=H
20
50
µA
MODE0 and 1 pull down current
IIH_MODE0 MODE0 and 1=H
15
50
µA
PIN RXD
Low level output voltage
VOLRxD
IRxD = 2mA
0.4
V
High level output leakage
IIHRxD
VRxD=5V
-10
10
µA
RxD output current
IRxD
VRxD=5V
70
mA
Overtemperature protection
Thermal shutdown [3]
TSD
155
180
°C
Thermal recovery [3]
TREC
130
150
°C
[1] Leakage current in case of Loss of ground is the summary of both currents I
LKN_CAN and ILKN_RTH .
[2] Wake up is detected at the minimum of V
ihWuFix or VihWuOffset.
[3] thresholds not tested in production, guaranteed by design, only switch on/off tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com