Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9434 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9434
Description  1.8 V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9434 Datasheet HTML 3Page - Analog Devices AD9434 Datasheet HTML 4Page - Analog Devices AD9434 Datasheet HTML 5Page - Analog Devices AD9434 Datasheet HTML 6Page - Analog Devices AD9434 Datasheet HTML 7Page - Analog Devices AD9434 Datasheet HTML 8Page - Analog Devices AD9434 Datasheet HTML 9Page - Analog Devices AD9434 Datasheet HTML 10Page - Analog Devices AD9434 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AD9434
Data Sheet
Rev. B | Page 6 of 28
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.5 V, unless otherwise noted.
Table 4.
AD9434-370
AD9434-500
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
Maximum Conversion Rate
Full
370
500
MSPS
Minimum Conversion Rate
Full
50
50
MSPS
CLK+ Pulse Width High (tCH)1, 2
Full
1.1
11
0.9
11
ns
CLK+ Pulse Width Low (tCL)
Full
1.1
11
0.9
11
ns
Output (LVDS—SDR Mode)1
Data Propagation Delay (tPD)
Full
3.55
3.55
ns
Rise Time (tR) (20% to 80%)
25°C
0.15
0.15
ns
Fall Time (tF) (20% to 80%)
25°C
0.15
0.15
ns
DCO Propagation Delay (tCPD)
Full
3.3
3.3
ns
Data to DCO Skew (tSKEW)
Full
0.15
0.38
0.15
0.38
ns
Latency
Full
15
15
Cycles
Output (LVDS—DDR Mode)2
Data Propagation Delay (tPD)
Full
3.3
3.3
ns
Rise Time (tR) (20% to 80%)
25°C
0.15
0.15
ns
Fall Time (tF) (20% to 80%)
25°C
0.15
0.15
ns
DCO Propagation Delay (tCPD)
Full
3.3
3.3
ns
Data to DCO Skew (tSKEW)
Full
−0.07
+0.07
−0.07
+0.07
ns
Latency
Full
15
15
Cycles
Aperture Time (tA)
25°C
0.85
0.85
ns
Aperture Uncertainty (Jitter, tJ)
25°C
80
80
fs rms
1
See Figure 2.
2
See Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com