Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9434 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9434
Description  1.8 V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9434 Datasheet HTML 12Page - Analog Devices AD9434 Datasheet HTML 13Page - Analog Devices AD9434 Datasheet HTML 14Page - Analog Devices AD9434 Datasheet HTML 15Page - Analog Devices AD9434 Datasheet HTML 16Page - Analog Devices AD9434 Datasheet HTML 17Page - Analog Devices AD9434 Datasheet HTML 18Page - Analog Devices AD9434 Datasheet HTML 19Page - Analog Devices AD9434 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Data Sheet
AD9434
Rev. B | Page 15 of 28
0
10
20
30
40
50
60
70
80
90
100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
AMPLITUDE (dB)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dB)
Figure 18. AD9434-370 SNR/SFDR vs. Input Amplitude; 500 MSPS, 140.3 MHz
0
10
20
30
40
50
60
70
80
90
100
AMPLITUDE (dB)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dB)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 19. AD9434-500 SNR/SFDR vs. Input Amplitude; 500 MSPS, 140.3 MHz
–0.5
–0.4
–0.3
–0.1
0.1
0.3
–0.2
0
0.2
0.4
0.5
–1
1023
2047
3071
4095
OUTPUT CODE
Figure 20. AD9434-370 INL; 370 MSPS
–0.8
–0.6
–0.4
0
0.4
–0.2
0.2
0.6
0.8
–1
1023
2047
3071
4095
OUTPUT CODE
Figure 21. AD9434-500 INL; 500 MSPS
–0.4
–0.3
–0.2
0.2
–0.1
0.1
0
0.3
0.4
–1
1023
2047
3071
4095
OUTPUT CODE
Figure 22. AD9434-370 DNL; 370 MSPS
–0.4
–0.3
–0.1
0.1
0.3
–0.2
0
0.2
0.4
0.5
0.6
–1
1023
2047
3071
4095
OUTPUT CODE
Figure 23. AD9434-500 DNL, 500 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com