Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9434 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9434
Description  1.8 V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9434 Datasheet HTML 17Page - Analog Devices AD9434 Datasheet HTML 18Page - Analog Devices AD9434 Datasheet HTML 19Page - Analog Devices AD9434 Datasheet HTML 20Page - Analog Devices AD9434 Datasheet HTML 21Page - Analog Devices AD9434 Datasheet HTML 22Page - Analog Devices AD9434 Datasheet HTML 23Page - Analog Devices AD9434 Datasheet HTML 24Page - Analog Devices AD9434 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AD9434
Data Sheet
Rev. B | Page 20 of 28
AD9434
AD8352
0Ω
R
0Ω
CD
RD
RG
0.1µF
0.1µF
0.1µF
VIN+
VIN– CML
C
0.1µF
0.1µF
16
1
2
3
4
5
11
R
0.1µF
0.1µF
10
8, 13
14
VCC
200
Ω
200
Ω
ANALOG INPUT
ANALOG INPUT
Figure 43. Differential Input Configuration Using the AD8352
CLOCK INPUT CONSIDERATIONS
For optimum performance, drive the AD9434 sample clock
inputs (CLK+ and CLK−) with a differential signal. This signal
is typically ac-coupled into the CLK+ and CLK− pins via a
transformer or capacitors. These pins are biased at ~0.9 V
internally and require no additional bias. If the clock signal is
dc-coupled, then the common-mode voltage should remain
within a range of 0.9 V.
Figure 44 shows one preferred method for clocking the AD9434.
The low jitter clock source is converted from single-ended to
differential using an RF transformer. The back-to-back Schottky
diodes across the secondary transformer limit clock excursions
into the AD9434 to approximately 0.8 V p-p differential. This
helps prevent the large voltage swings of the clock from feeding
through to other portions of the AD9434 and preserves the fast
rise and fall times of the signal, which are critical to low jitter
performance.
0.1µF
0.1µF
0.1µF
0.1µF
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
AD9434
MINI-CIRCUITS
ADT1–1WT, 1:1Z
XFMR
SCHOTTKY
DIODES:
HSM2812
Figure 44. Transformer-Coupled Differential Clock
If a low jitter clock is available, another option is to ac couple a
differential PECL signal to the sample clock input pins, as
shown in Figure 45. The AD9510/AD9511/AD9512/AD9513/
AD9514/AD9515 family of clock drivers offers excellent jitter
performance.
100
Ω
0.1µF
0.1µF
0.1µF
0.1µF
240
Ω
240
Ω
AD9510/AD9511/
AD9512/AD9513/
AD9514/AD9515
50
Ω1
50
Ω1
CLK
CLK
150
Ω RESISTORS ARE OPTIONAL.
CLK–
CLK+
ADC
AD9434
PECL DRIVER
CLOCK
INPUT
CLOCK
INPUT
Figure 45. Differential PECL Sample Clock
100
Ω
0.1µF
0.1µF
0.1µF
0.1µF
AD9510/AD9511/
AD9512/AD9513/
AD9514/AD9515
50
Ω1
50
Ω1
CLK
CLK
150
Ω RESISTORS ARE OPTIONAL.
CLK–
CLK+
ADC
AD9434
LVDS DRIVER
CLOCK
INPUT
CLOCK
INPUT
Figure 46. Differential LVDS Sample Clock
In some applications, it may be acceptable to drive the sample
clock inputs with a single-ended 1.8 V CMOS signal. In such
applications, drive the CLK+ pin directly from a CMOS gate,
and bypass the CLK− pin to ground with a 0.1 μF capacitor in
parallel with a 39 kΩ resistor (see Figure 47).
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
39kΩ
50Ω1
1
50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
AD9434
VCC
1kΩ
1kΩ
CLOCK
INPUT
AD951x
CMOS DRIVER
Figure 47. Single-Ended 1.8 V CMOS Input Clock (Up to 200 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com