Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9434 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9434
Description  1.8 V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9434 Datasheet HTML 8Page - Analog Devices AD9434 Datasheet HTML 9Page - Analog Devices AD9434 Datasheet HTML 10Page - Analog Devices AD9434 Datasheet HTML 11Page - Analog Devices AD9434 Datasheet HTML 12Page - Analog Devices AD9434 Datasheet HTML 13Page - Analog Devices AD9434 Datasheet HTML 14Page - Analog Devices AD9434 Datasheet HTML 15Page - Analog Devices AD9434 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet
AD9434
Rev. B | Page 11 of 28
PIN 1
INDICATOR
1
D3/D9–
2
D3/D9+
3
D4/D10–
4
D4/D10+
5
D5/D11–
6
D5/D11+
7
DRVDD
8
DRGND
9
OR–
10
OR+
11
DNC
12
DNC
13
DNC
14
DNC
35 VIN+
36 VIN–
37 AVDD
38 AVDD
39 AVDD
40 CML
41 AVDD
42 AVDD
34 AVDD
33 AVDD
32 AVDD
31 VREF
30 AVDD
29 PWDN
TOP VIEW
(Not to Scale)
PIN 0 (EXPOSED PADDLE) = AGND
AD9434
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. AGND AND DRGND SHOULD BE TIED TO A COMMON
QUIET GROUND PLANE.
3. THE EXPOSED PADDLE MUST BE SOLDERED TO
A GROUND PLANE.
Figure 5. Pin Configuration—Double Data Rate Mode
Table 8. Pin Function Descriptions—Double Data Rate Mode
Pin No.
Mnemonic
Description
0
AGND1
Analog Ground. The exposed paddle must be soldered to a ground plane.
30, 32 to 34, 37 to 39, 41
to 43, 46
AVDD
1.8 V Analog Supply.
7, 24, 47
DRVDD
1.8 V Digital Output Supply.
8, 23, 48
DRGND1
Digital Output Ground.
35
VIN+
Analog Input—True.
36
VIN−
Analog Input—Complement.
40
CML
Common-Mode Output. Enabled through the SPI, this pin provides a reference for the optimized
internal bias voltage for VIN+/VIN−.
44
CLK+
Clock Input—True.
45
CLK−
Clock Input—Complement.
31
VREF
Voltage Reference Internal/Input/Output. Nominally 0.75 V.
25
SDIO
Serial Port Interface (SPI) Data Input/Output (Serial Port Mode).
26
SCLK/DFS
Serial Port Interface Clock (Serial Port Mode)/Data Format Select (External Pin Mode).
27
CSB
Serial Port Chip Select (Active Low).
29
PWDN
Chip Power-Down.
49
DCO−
Data Clock Output—Complement.
50
DCO+
Data Clock Output—True.
51
D0/D6−
D0/D6 Complement Output (LSB).
52
D0/D6+
D0/D6 True Output (LSB).
53
D1/D7−
D1/D7 Complement Output.
54
D1/D7+
D1/D7 True Output.
55
D2/D8−
D2/D8 Complement Output.
56
D2/D8+
D2/D8 True Output.
1
D3/D9−
D3/D9 Complement Output.
2
D3/D9+
D3/D9 True Output.
3
D4/D10−
D4/D10 Complement Output.
4
D4/D10+
D4/D10 True Output.
5
D5/D11−
D5/D11 Complement Output (MSB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com