Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9434 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9434
Description  1.8 V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9434 Datasheet HTML 11Page - Analog Devices AD9434 Datasheet HTML 12Page - Analog Devices AD9434 Datasheet HTML 13Page - Analog Devices AD9434 Datasheet HTML 14Page - Analog Devices AD9434 Datasheet HTML 15Page - Analog Devices AD9434 Datasheet HTML 16Page - Analog Devices AD9434 Datasheet HTML 17Page - Analog Devices AD9434 Datasheet HTML 18Page - Analog Devices AD9434 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD9434
Data Sheet
Rev. B | Page 14 of 28
–120
–100
–80
–60
–40
–20
0
0
20
40
60
80
100 120 140 160 180
FREQUENCY (MHz)
491.52MSPS
368.3MHz AT –1.0dBFS
SNR: 64.0dB
ENOB: 10.5 BITS
SFDR: 79dBc
200 220 240
Figure 12. AD9434-500 64k Point Single-Tone; 491.52 MSPS, 368.3 MHz
–120
–100
–80
–60
–40
–20
0
0
20
40
60
80
100 120 140 160 180
FREQUENCY (MHz)
491.52MSPS
450.3MHz AT –1.0dBFS
SNR: 63.5dB
ENOB: 10.3 BITS
SFDR: 72dBc
200 220 240
Figure 13. AD9434-500 64k Point Single-Tone; 491.52 MSPS, 450.3 MHz
50
55
60
65
70
75
80
85
90
95
100
0
50
100
150
200
250
300
350
400
450
500
ANALOG INPUT FREQUECY (MHz)
SNR (dBFS), TA = +85°C
SFDR (dBc), TA = –40°C
SFDR (dBc), TA = +85°C
SFDR (dBc), TA = +25°C
SNR (dBFS), TA = +25°C
SNR (dBFS), TA = –40°C
Figure 14. AD9434-370 Single-Tone SNR/SFDR vs. Input Frequency (fIN) and
Temperature; 370 MSPS
50
55
60
65
70
75
80
85
90
0
50
100
150
200
250
300
350
400
450
500
ANALOG INPUT FREQUECY (MHz)
SFDR (dBc), TA = –40°C
SFDR (dBc), TA = +25°C
SFDR (dBc), TA = +85°C
SNR (dBFS), TA = –40°C
SNR (dBFS), TA = +25°C
SNR (dBFS), TA = +85°C
Figure 15. AD9434-500 Single-Tone SNR/SFDR vs. Input Frequency (fIN) and
Temperature; 500 MSPS
40
50
60
70
80
90
100
50
100
150
200
250
300
350
400
450
500
550
SAMPLE RATE (MSPS)
SFDR (dBc), 30.3MHz
SFDR (dBc), 100.3MHz
SNR (dBFS), 30.3MHz
SNR (dBFS), 100.3MHz
Figure 16. AD9434-370 SNR/SFDR vs. Sample Rate; 30.3 MHz, 100.3 MHz
40
50
60
70
80
90
100
50
100
150
200
250
300
350
400
450
500
550
SAMPLE RATE (MSPS)
SFDR (dBc), 30.3MHz
SFDR (dBc), 100.3MHz
SNR (dBFS), 30.3MHz
SNR (dBFS), 100.3MHz
Figure 17. AD9434-500 SNR/SFDR vs. Sample Rate; 30.3 MHz, 100.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com