Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9434 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9434
Description  1.8 V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9434 Datasheet HTML 14Page - Analog Devices AD9434 Datasheet HTML 15Page - Analog Devices AD9434 Datasheet HTML 16Page - Analog Devices AD9434 Datasheet HTML 17Page - Analog Devices AD9434 Datasheet HTML 18Page - Analog Devices AD9434 Datasheet HTML 19Page - Analog Devices AD9434 Datasheet HTML 20Page - Analog Devices AD9434 Datasheet HTML 21Page - Analog Devices AD9434 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Data Sheet
AD9434
Rev. B | Page 17 of 28
50
55
60
65
70
75
80
85
90
1.5
1.6
1.7
1.8
1.9
2.0
VCM (V)
AD9434, 500MSPS
AD9434, 370MSPS
SNR (dBFS)
SFDR (dBc)
Figure 30. SNR/SFDR vs. Common-Mode Voltage; 370 MSPS, 500 MSPS,
fIN = 140.3 MHz
0
100
200
300
400
500
600
700
800
50
100
150
200
250
300
350
SAMPLE RATE (MSPS)
TOTAL POWER
IAVDD
IDRVDD
Figure 31. Current and Power vs. Sample Rate, fIN = 30.3 MHz
50
55
60
65
70
75
80
500
600
700
800
900
1000
ANALOG INPUT FREQUENCY (MHz)
AD9434, 500MSPS
AD9434, 370MSPS
SNR (dBFS)
SFDR (dBc)
Figure 32. SNR/SFDR for AD9434-370 and AD9434-500 at 370 MSPS and
500 MSPS; AIN Sweep at −1.0 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com