Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9434 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9434
Description  1.8 V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434 Datasheet(HTML) 3 Page - Analog Devices

  AD9434 Datasheet HTML 1Page - Analog Devices AD9434 Datasheet HTML 2Page - Analog Devices AD9434 Datasheet HTML 3Page - Analog Devices AD9434 Datasheet HTML 4Page - Analog Devices AD9434 Datasheet HTML 5Page - Analog Devices AD9434 Datasheet HTML 6Page - Analog Devices AD9434 Datasheet HTML 7Page - Analog Devices AD9434 Datasheet HTML 8Page - Analog Devices AD9434 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AD9434
Data Sheet
Rev. B | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
DC Specifications ......................................................................... 3
AC Specifications.......................................................................... 4
Digital Specifications ................................................................... 5
Switching Specifications .............................................................. 6
Timing Diagrams.......................................................................... 7
Absolute Maximum Ratings............................................................ 8
Thermal Resistance ...................................................................... 8
ESD Caution.................................................................................. 8
Pin Configurations and Function Descriptions ........................... 9
Typical Performance Characteristics ........................................... 13
Equivalent Circuits ......................................................................... 18
Theory of Operation ...................................................................... 19
Analog Input and Voltage Reference ....................................... 19
Clock Input Considerations...................................................... 20
Power Dissipation and Power-Down Mode ........................... 21
Digital Outputs ........................................................................... 21
Timing.......................................................................................... 22
VREF............................................................................................ 22
AD9434 Configuration Using the SPI..................................... 22
Using the AD9434 to Replace the AD9230 ............................ 23
Hardware Interface..................................................................... 23
Configuration Without the SPI ................................................ 23
Memory Map .................................................................................. 25
Reading the Memory Map Table.............................................. 25
Reserved Locations .................................................................... 25
Default Values............................................................................. 25
Logic Levels................................................................................. 25
Outline Dimensions....................................................................... 28
Ordering Guide .......................................................................... 28
REVISION HISTORY
2/13—Rev. A to Rev. B
Changes to Table 4.............................................................................6
Changes to Table 5.............................................................................8
Changes to Reading the Memory Map Table Section.................25
5/11—Rev. 0 to Rev. A
Changes to General Description .....................................................1
Changes to Table 4, Aperture Time Values ....................................6
Changes to Figure 32.......................................................................17
Changes to Figure 42.......................................................................19
Changes to Table 13, Register 10, Bits[7:0] Value, Register 14
Default Value, Register 15 Default Value, Register 17, Bit 7 Value
and Register 18, Bit[4:0] Values.....................................................26
3/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com