Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9434 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9434
Description  1.8 V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9434 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9434 Datasheet HTML 21Page - Analog Devices AD9434 Datasheet HTML 22Page - Analog Devices AD9434 Datasheet HTML 23Page - Analog Devices AD9434 Datasheet HTML 24Page - Analog Devices AD9434 Datasheet HTML 25Page - Analog Devices AD9434 Datasheet HTML 26Page - Analog Devices AD9434 Datasheet HTML 27Page - Analog Devices AD9434 Datasheet HTML 28Page - Analog Devices AD9434 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Data Sheet
AD9434
Rev. B | Page 27 of 28
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default Notes/
Comments
18
FLEX_VREF
VREF select
00 = internal VREF
(20 kΩ pull-down)
01 = import VREF
(0.59 V to 0.8 V on
VREF pin)
10 = export VREF
(from internal
reference)
11 = not used
0
Input voltage range setting:
11100 = 1.60
00101 = 1.36
11101 = 1.58
00110 = 1.34
11110 = 1.55
00111 = 1.31
11111 = 1.52
01000 = 1.28
00000 = 1.50
01001 = 1.26
00001 = 1.47
01010 = 1.23
00010 = 1.44
01011 = 1.20
00011 = 1.42
01100 = 1.18
00100 = 1.39
0x00
19
USER_PATT1_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 1 LSB.
1A
USER_PATT1_MSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 1 MSB.
1B
USER_PATT2_LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 2 LSBs.
1C
USER_PATT2_MSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
pattern, 2 MSBs.
2A
OVR_CONFIG
0
0
0
0
0
0
OR±
position
(DDR
mode
only):
0 =
Pin 9,
Pin 10
1 =
Pin 21,
Pin 22
OR±
enable:
1 = on
(default)
0 = off
0x01
2C
Input coupling
0
0
0
0
0
DC
coupling
enable
0
0
0x00
Default is
ac coupling.
1
X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com