Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9683 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9683
Description  Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9683 Datasheet HTML 31Page - Analog Devices AD9683 Datasheet HTML 32Page - Analog Devices AD9683 Datasheet HTML 33Page - Analog Devices AD9683 Datasheet HTML 34Page - Analog Devices AD9683 Datasheet HTML 35Page - Analog Devices AD9683 Datasheet HTML 36Page - Analog Devices AD9683 Datasheet HTML 37Page - Analog Devices AD9683 Datasheet HTML 38Page - Analog Devices AD9683 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
AD9683
Data Sheet
Rev. D | Page 34 of 44
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table has eight bit locations.
The memory map is roughly divided into three sections: the
chip configuration registers (Address 0x00 to Address 0x02);
the ADC functions registers, including setup, control, and test
(Address 0x08 to Address 0xA8); and the device update register
(Address 0xFF).
The memory map register table (see Table 17) documents the
default hexadecimal value for each hexadecimal address shown.
The column with the heading Bit 7 (MSB) is the start of the default
hexadecimal value given. For example, Address 0x14, the output
mode register, has a hexadecimal default value of 0x01. This means
that Bit 0 = 1, and the remaining bits are 0s. This setting is the
default output format value, which is twos complement. For
more information on this function and others, see the AN-877
Application Note, Interfacing to High Speed ADCs via SPI. This
application note details the functions controlled by Address 0x00
to Address 0x21 and Address 0xFF, with the exception of
Address 0x08 and Address 0x14. The remaining registers,
Address 0x08, Address 0x14, and Address 0x3A through
Address 0xA8, are documented in the Memory Map Register
Descriptions section.
Open and Reserved Locations
All address and bit locations that are not included in Table 17
are not currently supported for this device. Write unused bits of
a valid address location with 0s. Writing to these locations is
required only when part of an address location is open (for
example, Address 0x18). If the entire address location is open
(for example, Address 0x13), do not write to this address location.
Default Values
After the AD9683 is reset, critical registers are loaded with default
values. The default values for the registers are given in the memory
map register table (see Table 17).
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Transfer Register Map
Address 0x09, Address 0x0B, Address 0x0D, Address 0x10,
Address 0x14, Address 0x18, Address 21, and Address 0x3A to
Address 0x4C are shadowed. Writes to these addresses do not
affect part operation until a transfer command is issued by
writing 0x01 to Address 0xFF, setting the transfer bit. This
allows these registers to be updated internally and simultaneously
when the transfer bit is set. The internal update takes place when
the transfer bit is set, and then the bit autoclears.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com