Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9683 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9683
Description  Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9683 Datasheet HTML 18Page - Analog Devices AD9683 Datasheet HTML 19Page - Analog Devices AD9683 Datasheet HTML 20Page - Analog Devices AD9683 Datasheet HTML 21Page - Analog Devices AD9683 Datasheet HTML 22Page - Analog Devices AD9683 Datasheet HTML 23Page - Analog Devices AD9683 Datasheet HTML 24Page - Analog Devices AD9683 Datasheet HTML 25Page - Analog Devices AD9683 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
Data Sheet
AD9683
Rev. D | Page 21 of 44
CLOCK INPUT CONSIDERATIONS
The AD9683 has two options for deriving the input sampling clock:
a differential Nyquist sampling clock input or an RF clock input
(which is internally divided by 2 or 4). The clock input is selected in
Address 0x09 and by default is configured for the Nyquist clock
input. For optimum performance, clock the AD9683 Nyquist
sample clock input, CLK+ and CLK−, with a differential signal.
The signal is typically ac-coupled into the CLK+ and CLK− pins
via a transformer or via capacitors. These pins are biased internally
(see Figure 48) and require no external bias. If the clock inputs
are floated, CLK− is pulled slightly lower than CLK+ to prevent
spurious clocking.
Nyquist Clock Input Options
The AD9683 Nyquist clock input supports a differential clock
between 40 MHz and 625 MHz. The clock input structure supports
differential input voltages from 0.3 V to 3.6 V and is therefore
compatible with various logic family inputs such as CMOS,
LVDS, and LVPECL. A sine wave input is also accepted, but
higher slew rates typically provide optimal performance. Clock
source jitter is a critical parameter that can affect performance, as
described in the Jitter Considerations section. If the inputs are
floated, pull the CLK− pin low to prevent spurious clocking.
The Nyquist clock input pins, CLK+ and CLK−, are internally
biased to 0.9 V and have a typical input impedance of 4 pF in
parallel with 10 kΩ (see Figure 48). The input clock is typically
ac-coupled to CLK+ and CLK−. Figure 49 through Figure 52
present some typical clock drive circuits for reference.
AVDD
CLK+
4pF
4pF
CLK–
0.9V
Figure 48. Equivalent Nyquist Clock Input Circuit
For applications where a single-ended low jitter clock between
40 MHz and 200 MHz is available, an RF transformer is
recommended. Figure 49 shows an example using an RF
transformer in the clock network. At frequencies above 200 MHz,
an RF balun is recommended, as seen in Figure 50. The back-to-
back Schottky diodes across the transformer secondary limit
clock excursions into the AD9683 to approximately 0.8 V p-p
differential. This limit helps prevent the large voltage swings of
the clock from feeding through to other portions of the AD9683,
yet preserves the fast rise and fall times of the clock, which are
critical to low jitter performance.
390pF
390pF
390pF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50
Ω
100
Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1Z
XFMR
Figure 49. Transformer-Coupled Differential Clock (Up to 200 MHz)
390pF
390pF
390pF
CLOCK
INPUT
1nF
25
Ω
25
Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 50. Balun-Coupled Differential Clock (Up to 625 MHz)
In some cases, it is desirable to buffer or generate multiple
clocks from a single source. In those cases, Analog Devices, Inc.,
offers clock drivers with excellent jitter performance. Figure 51
shows a typical PECL driver circuit that uses PECL drivers such
as the AD9510, AD9511, AD9512, AD9513, AD9514, AD9515,
AD9516-0 through AD9516-5 device family, AD9517-0 through
AD9517-4 device family, AD9518-0 through AD9518-4 device
family, AD9520-0 through AD9520-5 device family, AD9522-0
through AD9522-5 device family, AD9523, AD9524, and
ADCLK905/ADCLK907/ADCLK925.
100
Ω
0.1µF
0.1µF
0.1µF
0.1µF
240
Ω
240
Ω
PECL DRIVER
50k
Ω
50k
Ω
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
ADC
Figure 51. Differential PECL Sample Clock (Up to 625 MHz)
Analog Devices also offers LVDS clock drivers with excellent jitter
performance. A typical circuit is shown in Figure 52. It uses
LVDS drivers such as the AD9510, AD9511, AD9512, AD9513,
AD9514, AD9515, AD9516-0 through AD9516-5 device family,
AD9517-0 through AD9517-4 device family, AD9518-0 through
AD9518-4 device family, AD9520-0 through AD9520-5 device
family, AD9522-0 through AD9522-5 device family, AD9523,
and AD9524.
100
Ω
0.1µF
0.1µF
0.1µF
0.1µF
50k
Ω
50k
Ω
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
LVDS DRIVER
ADC
Figure 52. Differential LVDS Sample Clock (Up to 625 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com