Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9683 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9683
Description  Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9683 Datasheet HTML 37Page - Analog Devices AD9683 Datasheet HTML 38Page - Analog Devices AD9683 Datasheet HTML 39Page - Analog Devices AD9683 Datasheet HTML 40Page - Analog Devices AD9683 Datasheet HTML 41Page - Analog Devices AD9683 Datasheet HTML 42Page - Analog Devices AD9683 Datasheet HTML 43Page - Analog Devices AD9683 Datasheet HTML 44Page - Analog Devices AD9683 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
AD9683
Data Sheet
Rev. D | Page 42 of 44
JESD204B Checksum (Address 0x79)
Bits[7:0]—JESD204B checksum value for the output lane
This read only register is automatically calculated for the lane.
Checksum equals sum (all link configuration parameters for the
lane) modulus 256.
JESD204B Output Driver Control (Address 0x80)
Bits[7:1]—Reserved
Bit 1—JESD204B driver power-down
When this bit is set low, the JESD204B output drivers are enabled.
When this bit is set high, the JESD204B output drivers are
powered down.
JESD204B LMFC Offset (Address 0x8B)
Bits[7:5]—Reserved
Bits[4:0]—Local multiframe clock phase offset value
These bits are the reset value for the local multiframe clock
(LMFC) phase counter when SYSREF± is asserted. These bits
are used in applications requiring deterministic delay.
JESD204B Preemphasis (Address 0xA8)
Bits[7:0]—JESD204B preemphasis enable option
These bits enable the preemphasis feature on the JESD204B
output drivers. Setting Bits[7:0] to 0x04 disables premphasis,
and setting Bits[7:0] to 0x14 enables preemphasis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com