Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9683 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9683
Description  Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 3 Page - Analog Devices

  AD9683 Datasheet HTML 1Page - Analog Devices AD9683 Datasheet HTML 2Page - Analog Devices AD9683 Datasheet HTML 3Page - Analog Devices AD9683 Datasheet HTML 4Page - Analog Devices AD9683 Datasheet HTML 5Page - Analog Devices AD9683 Datasheet HTML 6Page - Analog Devices AD9683 Datasheet HTML 7Page - Analog Devices AD9683 Datasheet HTML 8Page - Analog Devices AD9683 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
AD9683
Data Sheet
Rev. D | Page 2 of 44
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Product Highlights ........................................................................... 3
Specifications..................................................................................... 4
ADC DC Specifications............................................................... 4
ADC AC Specifications ............................................................... 5
Digital Specifications ................................................................... 6
Switching Specifications .............................................................. 8
Timing Specifications .................................................................. 9
Absolute Maximum Ratings.......................................................... 10
Thermal Characteristics ............................................................ 10
ESD Caution................................................................................ 10
Pin Configuration and Function Descriptions........................... 11
Typical Performance Characteristics ........................................... 13
Equivalent Circuits......................................................................... 18
Theory of Operation ...................................................................... 19
ADC Architecture ...................................................................... 19
Analog Input Considerations.................................................... 19
Voltage Reference ....................................................................... 20
Clock Input Considerations...................................................... 21
Power Dissipation and Standby Mode .................................... 23
Digital Outputs ............................................................................... 24
JESD204B Transmit Top Level Description............................ 24
ADC Overrange and Gain Control.......................................... 29
DC Correction (DCC)................................................................... 31
DC Correction Bandwidth........................................................ 31
DC Correction Readback.......................................................... 31
DC Correction Freeze................................................................ 31
DC Correction Enable Bits ....................................................... 31
Serial Port Interface (SPI).............................................................. 32
Configuration Using the SPI..................................................... 32
Hardware Interface..................................................................... 32
SPI Accessible Features.............................................................. 33
Memory Map .................................................................................. 34
Reading the Memory Map Register Table............................... 34
Memory Map Register Table..................................................... 35
Memory Map Register Descriptions........................................ 39
Applications Information .............................................................. 43
Design Guidelines ...................................................................... 43
Outline Dimensions....................................................................... 44
Ordering Guide .......................................................................... 44
REVISION HISTORY
6/2016—Rev. C to Rev.D
Changes to Table 17........................................................................ 37
Change to JESD204B Link Control 1 (Address 0x5F) Section.......40
9/2015—Rev. B to Rev. C
Changes to General Description Section ...................................... 3
Changes to Nyquist Clock Input Options Section ..................... 21
Changes to JESD204B Overview Section.................................... 24
Changes to Figure 60...................................................................... 27
Change to Table 17 ......................................................................... 37
5/2014—Rev. A to Rev. B
Changed Minimum RF Clock Rate from 625 MHz to 500 MHz
(Throughout) .................................................................................... 6
Changes to SYNCINB+ Pin Description .................................... 11
Changes to Transfer Register Map Section ................................. 34
Changes to Register 0x3A ............................................................. 36
Changes to Register 0x6F, Register 0x70, Register 0x72,
Register 0x73, Register 0x74, Register 0x75................................ 38
Changes to JESD204B Link Control 2 (Address 0x60) Section.....40
2/2014—Rev. 0 to Rev. A
Changes to Data Output Parameters, Table 4................................8
Changes to Figure 3...........................................................................9
4/2013—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com