Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9683 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9683
Description  Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9683 Datasheet HTML 20Page - Analog Devices AD9683 Datasheet HTML 21Page - Analog Devices AD9683 Datasheet HTML 22Page - Analog Devices AD9683 Datasheet HTML 23Page - Analog Devices AD9683 Datasheet HTML 24Page - Analog Devices AD9683 Datasheet HTML 25Page - Analog Devices AD9683 Datasheet HTML 26Page - Analog Devices AD9683 Datasheet HTML 27Page - Analog Devices AD9683 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Data Sheet
AD9683
Rev. D | Page 23 of 44
0.1µF
0.1µF
0.1µF
0.1µF
LVPECL
DRIVER
AD9515
127Ω
VDD
82.5Ω
127Ω
82.5Ω
CLOCK INPUT
CLOCK INPUT
RFCLK
ADC
50
Ω Tx LINE
0.1µF
50
Ω
Figure 56. Differential PECL RF Clock Input Circuit
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of
the clock input. The degradation in SNR at a given input frequency
(fIN) due to jitter (tJ) can be calculated by
SNRHF = −10 log[(2π × fIN × tJRMS)2 + 10
)
10
/
(
LF
SNR
−
]
In the equation, the rms aperture jitter represents the root-mean-
square of all jitter sources, which include the clock input, the
analog input signal, and the ADC aperture jitter specification. IF
undersampling applications are particularly sensitive to jitter,
as shown in Figure 57.
50
55
60
65
70
75
80
1
10
100
1000
INPUT FREQUENCY (MHz)
0.05ps
0.2ps
0.5ps
1ps
1.5ps
MEASURED
Figure 57. AD9683-250 SNR vs. Input Frequency and Jitter
Treat the clock input as an analog signal in cases where aperture
jitter may affect the dynamic range of the AD9683. Separate the
power supplies for the clock drivers from the ADC output driver
supplies to avoid modulating the clock signal with digital noise.
Low jitter, crystal controlled oscillators make the best clock sources.
If the clock is generated from another type of source (by gating,
dividing, or another method), retime it using the original clock at
the last step.
Refer to the AN-501 Application Note, Aperture Uncertainty and
ADC System Performance, and the AN-756 Application Note,
Sampled Systems and the Effects of Clock Phase Noise and Jitter, for
more information about jitter performance as it relates to ADCs.
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 58, the power dissipated by the AD9683 is
proportional to its sample rate. The data in Figure 58 was taken
using the same operating conditions as those used for the Typical
Performance Characteristics section. IDVDD in Figure 58 is a
summation of IDVDD and IDRVDD.
0
0.05
0.10
0.15
0.20
0.25
0
0.1
0.2
0.3
0.4
0.5
40
55
70
85 100 115 130 145 160 175 190 205 220 235 250
ENCODE FREQUENCY (MSPS)
IAVDD
TOTAL POWER
IDVDD
Figure 58. AD9683-250 Power vs. Encode Rate
By asserting PDWN (either through the SPI port or by asserting
the PDWN pin high), the AD9683 is placed in power-down mode.
In this state, the ADC typically dissipates about 9 mW. Asserting the
PDWN pin low returns the AD9683 to its normal operating mode.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering power-
down mode and then must be recharged when returning to normal
operation. As a result, wake-up time is related to the time spent
in power-down mode, and shorter power-down cycles result in
proportionally shorter wake-up times.
When using the SPI port interface, the user can place the ADC
in power-down mode or standby mode. Standby mode allows
the user to keep the internal reference circuitry powered when
faster wake-up times are required. See the Memory Map Register
Descriptions section and the AN-877 Application Note, Interfacing
to High Speed ADCs via SPI, for additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com