Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9683 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9683
Description  Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9683 Datasheet HTML 34Page - Analog Devices AD9683 Datasheet HTML 35Page - Analog Devices AD9683 Datasheet HTML 36Page - Analog Devices AD9683 Datasheet HTML 37Page - Analog Devices AD9683 Datasheet HTML 38Page - Analog Devices AD9683 Datasheet HTML 39Page - Analog Devices AD9683 Datasheet HTML 40Page - Analog Devices AD9683 Datasheet HTML 41Page - Analog Devices AD9683 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
Data Sheet
AD9683
Rev. D | Page 37 of 44
Reg
Addr
(Hex)
Reg Addr
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x40
DC correction
control
Freeze dc
correction:
0 =
calculate,
1 = freeze
value
DC correction bandwidth select;
correction bandwidth is 2387.32 Hz/register value;
there are 14 possible values;
0000 = 2387.32 Hz,
0001 = 1193.66 Hz,
0010 = 596.83 Hz,
0011 = 298.42 Hz,
0100 = 149.21 Hz,
0101 = 74.60 Hz,
0110 = 37.30 Hz,
0111 = 18.65 Hz,
1000 = 9.33 Hz,
1001 = 4.66 Hz,
1010 = 2.33 Hz,
1011 = 1.17 Hz,
1100 = 0.58 Hz,
1101 = 0.29 Hz,
1110 = reserved,
1111 = reserved
Enable dc
correction
0x00
0x41
DC Correction
Value 0
DC correction value LSB[7:0]
0x00
0x42
DC Correction
Value 1
DC correction value MSB[15:8]
0x00
0x45
Fast detect
control
FD pin
function:
0 = fast
detect,
1 =
overrange
Force FD
output
enable:
0 =
normal
function,
1 = force
to value
Forced FD
output
value; if
force FD
pin is true,
this value
is output
on the FD
pin
Enable fast
detect
output
0x00
0x47
Fast detect
upper
threshold
Fast detect upper threshold[7:0]
0x48
Fast detect upper threshold[14:8]
0x49
Fast detect
lower threshold
Fast detect lower threshold[7:0]
0x4A
Fast detect lower threshold[14:8]
0x4B
Fast detect
dwell time
Fast detect dwell time[7:0]
0x4C
Fast detect dwell time[15:8]
0x5E
JESD204B quick
config
JESD204B quick configuration, always reads back 0x00;
0x11: M = 1, L = 1; one converter, one lane
0x00
Always reads
back 0x00
0x5F
JESD204B Link
Control 1
Serial tail
bit
enable:
0 = extra
bits are 0,
1 = extra
bits are
9-bit PN
JESD204B
test
sample
enable
Reserved;
set to 1
ILAS mode:
01 = ILAS normal mode
enabled,
11 = ILAS always on, test
mode
Reserved;
set to 0
JESD204B
link power-
down; set
high while
configuring
link
parameters
0x14
0x60
JESD204B Link
Control 2
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
SYNCINB±
logic type:
0 = LVDS
(differential),
1 = CMOS
(single-
ended)
Reserved;
set to 0
Invert
transmit
bits
Reserved;
set to 0
0x00
0x61
JESD204B Link
CTRL 3
Reserved;
set to 0
Reserved;
set to 0
Test data injection point:
01 = 10-bit data at
8B/10B output,
10 = 8-bit data at
scrambler input
JESD204B test mode patterns:
0000 = normal operation (test mode disabled),
0001 = alternating checker board,
0010 = 1/0 word toggle,
0011 = PN Sequence PN23,
0100 = PN Sequence PN9,
0101 = continuous/repeat user test mode,
0110 = single user test mode,
0111 = reserved,
1100 = PN Sequence PN7,
1101 = PN Sequence PN15,
other setting are unused
0x00
0x64
JESD204B DID
config
JESD204B DID value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com