Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9683 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9683
Description  Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9683 Datasheet HTML 12Page - Analog Devices AD9683 Datasheet HTML 13Page - Analog Devices AD9683 Datasheet HTML 14Page - Analog Devices AD9683 Datasheet HTML 15Page - Analog Devices AD9683 Datasheet HTML 16Page - Analog Devices AD9683 Datasheet HTML 17Page - Analog Devices AD9683 Datasheet HTML 18Page - Analog Devices AD9683 Datasheet HTML 19Page - Analog Devices AD9683 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Data Sheet
AD9683
Rev. D | Page 15 of 44
70
75
80
85
90
95
100
40
50
60
70
80
90
100 110 120 130 140 150 160 170
SAMPLE RATE (MSPS)
SFDR (dBc)
SNR (dBFS)
Figure 17. AD9683-170 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 90.1 MHz
0
100000
200000
300000
400000
500000
600000
700000
N – 7
N – 5
N – 3
N – 1
N + 1
N + 3
N + 5
OUTPUT CODE
2,097,152 TOTAL HITS
1.375 LSB rms
1
28
638
7601
41248
138113
384443
278480
100153
24088
2363
182
521038
598772
Figure 18. AD9683-170 Grounded Input Histogram
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
FREQUENCY (MHz)
250MSPS
90.1MHz AT –1dBFS
SNR = 71dB (72dBFS)
SFDR = 89dBc
THIRD HARMONIC
SECOND HARMONIC
Figure 19. AD9683-250 Single-Tone FFT with fIN = 90.1 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
FREQUENCY (MHz)
THIRD HARMONIC
250MSPS
90.1MHz AT –1dBFS
SNR = 71dB (72dBFS)
SFDR = 89dBc
SECOND HARMONIC
Figure 20. AD9683-250 Single-Tone FFT with fIN = 90.1 MHz, RFCLK = 1.0 GHz
with Divide by 4 (Address 0x09 = 0x21)
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
FREQUENCY (MHz)
THIRD HARMONIC
250MSPS
185.1MHz AT –1dBFS
SNR = 69.5dB (70.5dBFS)
SFDR = 88dBc
SECOND HARMONIC
Figure 21. AD9683-250 Single-Tone FFT with fIN = 185.1 MHz
–140
–120
–100
–80
–60
–40
–20
0
0
25
50
75
100
125
FREQUENCY (MHz)
THIRD HARMONIC
250MSPS
185.1MHz AT –1dBFS
SNR = 70dB (71dBFS)
SFDR = 85dBc
SECOND HARMONIC
Figure 22. AD9683-250 Single-Tone FFT with fIN = 185.1 MHz,
RFCLK = 1.0 GHz with Divide by 4 (Address 0x09 = 0x21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com