Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9683 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9683
Description  Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9683 Datasheet HTML 19Page - Analog Devices AD9683 Datasheet HTML 20Page - Analog Devices AD9683 Datasheet HTML 21Page - Analog Devices AD9683 Datasheet HTML 22Page - Analog Devices AD9683 Datasheet HTML 23Page - Analog Devices AD9683 Datasheet HTML 24Page - Analog Devices AD9683 Datasheet HTML 25Page - Analog Devices AD9683 Datasheet HTML 26Page - Analog Devices AD9683 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
AD9683
Data Sheet
Rev. D | Page 22 of 44
RF Clock Input Options
The AD9683 RF clock input supports a single-ended clock
between 500 MHz to 1.5 GHz. The equivalent RF clock input
circuit is shown in Figure 53. The input is self biased to 0.9 V and is
typically ac-coupled. The input has a typical input impedance of
10 kΩ in parallel with 0.5 pF at the RFCLK pin.
BIAS
CONTROL
10k
Ω
RFCLK
INTERNAL
CLOCK DRIVER
0.5pF
Figure 53. Equivalent RF Clock Input Circuit
It is recommended that the RF clock input of the AD9683 be
driven with a PECL or sine wave signal with a minimum signal
amplitude of 600 mV p-p. Regardless of the type of signal being
used, clock source jitter is of the most concern, as described in the
Jitter Considerations section. Figure 54 shows the preferred method
of clocking when using the RF clock input on the AD9683. It is
recommended that a 50 Ω transmission line be used to route
the clock signal to the RF clock input of the AD9683 due to the
high frequency nature of the signal; terminate the transmission
line close to the RF clock input.
RFCLK
ADC
50
Ω Tx LINE
RF CLOCK
INPUT
0.1µF
50
Ω
Figure 54. Typical RF Clock Input Circuit
Figure 56 shows the RF clock input of the AD9683 being driven
from the LVPECL outputs of the AD9515. The differential LVPECL
output signal from the AD9515 is converted to a single-ended
signal using an RF balun or RF transformer. The RF balun
configuration is recommended for clock frequencies associated
with the RF clock input.
Input Clock Divider
The AD9683 contains an input clock divider with the ability to
divide the Nyquist input clock by integer values between 1 and 8.
The RF clock input uses an on-chip predivider to divide the clock
input by four before it reaches the 1 to 8 divider. This allows
higher input frequencies to be achieved on the RF clock input. The
divide ratios can be selected using Address 0x09 and Address 0x0B.
Address 0x09 is used to set the RF clock input, and Address 0x0B
can be used to set the divide ratio of the 1 to 8 divider for both
the RF clock input and the Nyquist clock input. For divide ratios
other than 1, the duty cycle stabilizer (DCS) is automatically
enabled.
RFCLK
NYQUIST
CLOCK
÷1 TO ÷8
DIVIDER
÷2 OR ÷4
Figure 55. Clock Divider Circuit
The AD9683 clock divider can be synchronized using the external
SYSREF input. Bit 1 and Bit 2 of Address 0x3A allow the clock
divider to be resynchronized on every SYSREF signal or only on
the first signal after the register is written. A valid SYSREF causes
the clock divider to reset to its initial state. This synchronization
feature allows multiple parts to have their clock dividers aligned to
guarantee simultaneous input sampling.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals and, as a result, may be sensitive to
clock duty cycle. Commonly, a ±5% tolerance is required on the
clock duty cycle to maintain dynamic performance characteristics.
The AD9683 contains a DCS that retimes the nonsampling (falling)
edge, providing an internal clock signal with a nominal 50% duty
cycle. This allows the user to provide a wide range of clock input
duty cycles without affecting the performance of the AD9683.
Jitter on the rising edge of the input clock is still of paramount
concern and is not reduced by the DCS. The duty cycle control
loop does not function for clock rates of less than 40 MHz
nominally. The loop has a time constant associated with it that
must be considered when the clock rate can change dynamically.
A wait time of 1.5 µs to 5 µs is required after a dynamic clock
frequency increase or decrease before the DCS loop is relocked
to the input signal. During the time that the loop is not locked,
the DCS loop is bypassed, and the internal device timing is
dependent on the duty cycle of the input clock signal. In such
applications, it may be appropriate to disable the DCS. In all
other applications, enabling the DCS circuit is recommended
to maximize ac performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com