Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1070ART Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1070ART
Description  -48 V Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1070ART Datasheet(HTML) 5 Page - Analog Devices

  ADM1070ART Datasheet HTML 1Page - Analog Devices ADM1070ART Datasheet HTML 2Page - Analog Devices ADM1070ART Datasheet HTML 3Page - Analog Devices ADM1070ART Datasheet HTML 4Page - Analog Devices ADM1070ART Datasheet HTML 5Page - Analog Devices ADM1070ART Datasheet HTML 6Page - Analog Devices ADM1070ART Datasheet HTML 7Page - Analog Devices ADM1070ART Datasheet HTML 8Page - Analog Devices ADM1070ART Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. 0
ADM1070
–5–
TEMPERATURE – C
2.0
0
–50
–35
–20
–5
10
25
40
55
70
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
85
TPC 1. IIN vs. Temperature
VIN – V
1000
02
468
10
12
14
100
10
1
16
0.1
+85 C
+25 C
–40 C
TPC 2. IIN vs. VIN
TEMPERATURE – C
–45
10
9
8
7
6
5
4
3
2
–35 –25 –15 –5
5
15
25
35
45
55
65
75
85
TPC 3. RZ vs. Temperature
TEMPERATURE – C
–45
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
–35 –25 –15 –5
5
15
25
35
45
55
65
75
85
TPC 4. VZ vs. Temperature
TEMPERATURE – C
–50
12
11
10
9
8
6
–35
–20
–5
10
25
40
55
70
85
7
TPC 5. Undervoltage Lockout, VLKO vs. Temperature
TEMPERATURE – C
–50
100
95
85
80
70
–35
–20
–5
10
25
40
55
70
85
75
60
65
RISING
FALLING
90
TPC 6. Circuit Breaker Current Limit Voltage,
VCB vs. Temperature
Typical Performance Characteristics–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com