Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1070ART Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1070ART
Description  -48 V Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1070ART Datasheet(HTML) 3 Page - Analog Devices

  ADM1070ART Datasheet HTML 1Page - Analog Devices ADM1070ART Datasheet HTML 2Page - Analog Devices ADM1070ART Datasheet HTML 3Page - Analog Devices ADM1070ART Datasheet HTML 4Page - Analog Devices ADM1070ART Datasheet HTML 5Page - Analog Devices ADM1070ART Datasheet HTML 6Page - Analog Devices ADM1070ART Datasheet HTML 7Page - Analog Devices ADM1070ART Datasheet HTML 8Page - Analog Devices ADM1070ART Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
ADM1070
–3–
Parameter
Min
Typ
Max
Unit
Test Conditions
SENSE PIN––CURRENT SENSE (continued)
Continuous Short Circuit Time before Latched
2100
2800
3500
ms
TIMER Pin Tied to VEE
Shutdown, tSHORT
(VUVR < UV/OV < VOVF)
1500
2000
2500
ms
CTIMER = 470 pF
(VUVR < UV/OV < VOVF)*
Operating Sense Voltage Range, VSOP
0
0.11
V
Input Current, ISENSE
–500
+500
µAVSENSE = –2 V to +2 V
TIMER PIN––TIMING CONTROL
Internal Oscillator Default Frequency,
9.0
kHz
TIMER Pin Tied to VEE
fTIMERINT (Not Seen at Pin)
External/Internal Selection Threshold, VTIMERTHEI
0.3
0.45
0.6
V
High Trip Threshold, VTIMERTHH
3.0
3.5
4.0
V
Low Trip Threshold, VTIMERTHL
1.2
1.5
1.8
V
Pull-Down Current, ITIMERDN
15
24
31
µAV
TIMER > VTIMERTHH
Pull-Up Current, ITIMERUP
–15
–24
–31
µAVTIMERTHEI < VTIMER < VTIMERTHL
Start-Up Current, ITIMERSTART
–12
–19
–26
µAVTIMER < VTIMERTHEI
*Not production tested. Guaranteed by design.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
(All voltages referred to VEE, unless otherwise noted. TA = 25
°C, unless other-
wise noted.)
Supply Voltage (VDD–VEE) . . . . . . . . . . . . . –0.3 V to –200.0 V
Maximum Shunt Supply Voltage, VSS . . . . . . . . . . . . . . . 16 V
SENSE Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . –2 V to +16 V
GATE Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +16 V
UV/OV Pin . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +15 V
TIMER Pin . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +10 V
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
°C
Temperature Range . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Continuous Power Dissipation . . . . . . . . . . . . . . . . . 282 mW
Storage Temperature Range . . . . . . . . . . .
–65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
*This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation sections of this specifica-
tion is not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
THERMAL CHARACTERISTICS
6-Lead SOT-23 Package:
JA = 226.6
°C/W, JC = 91.99°C/W
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADM1070 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADM1070ART
–40ºC to +85ºC
6-Lead
RT-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com