Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1070ART Datasheet(PDF) 14 Page - Analog Devices

Part # ADM1070ART
Description  -48 V Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1070ART Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM1070ART Datasheet HTML 8Page - Analog Devices ADM1070ART Datasheet HTML 9Page - Analog Devices ADM1070ART Datasheet HTML 10Page - Analog Devices ADM1070ART Datasheet HTML 11Page - Analog Devices ADM1070ART Datasheet HTML 12Page - Analog Devices ADM1070ART Datasheet HTML 13Page - Analog Devices ADM1070ART Datasheet HTML 14Page - Analog Devices ADM1070ART Datasheet HTML 15Page - Analog Devices ADM1070ART Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. 0
–14–
ADM1070
Figure 13 shows the behavior of ADM1070 when a temporary
current fault occurs followed by a permanent current fault.
When the first overcurrent fault occurs, the first 100 mV spike
on the sense line can be seen. During the tOFF time, this current
fault corrects itself. After this time period, a no fault condition is
detected and the limited consecutive counter is reset. GATE is
reasserted. When the overcurrent fault returns permanently, the
limited consecutive retry counter detects seven consecutive
faults and the part latches off.
GATE
SENSE
5.00V
CH2
100mV
M 500ms
CH1
BN
T
Figure 13. Illustration of the PWM Ratio (tON/tOFF)
In this way, the ADM1070 prevents nuisance shutdowns from
transient shorts of up to three seconds (typically), but will provide
latched shut-down protection from permanently shorted loads.
KELVIN SENSE RESISTOR CONNECTION
When using a low value sense resistor for high current measure-
ment, the problem of parasitic series resistance can arise. The
lead resistance can be a substantial fraction of the rated resis-
tance, making the total resistance a function of lead length. This
problem can be avoided by using a Kelvin sense connection.
This type of connection separates the current path through
the resistor and the voltage drop across the resistor. Figure 14
shows the correct way to connect the sense resistor between the
SENSE and VEE Pins of the ADM1070.
KELVIN SENSE TRACES
CURRENT
FLOW FROM
LOAD
CURRENT
FLOW TO –48V
BACKPLANE
SENSE RESISTOR
SENSE
VEE
ADM1070
Figure 14. Kelvin Sensing with the ADM1070
UV/OV AS ENABLE PIN
Connecting an open collector output to the UV/OV Pin means
that a TTL signal can be used to disable the part. In Figure 15,
the open collector output connects to
EN. Driving the base of
the open collector device high enough to cause the UV/OV Pin
to be pulled below the undervoltage falling threshold of 0.86 V
typical will cause the pass transistor Q1 to be turned off.
EN
ADM1070
0V
–48V
R1
R2
RDROP
VIN
UV/OV
TIMER
GATE
SENSE
VEE
CLOAD
VOUT
Q1
RSENSE
Figure 15. UV/OV Used as Enable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com