Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1070ART Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1070ART
Description  -48 V Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1070ART Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1070ART Datasheet HTML 6Page - Analog Devices ADM1070ART Datasheet HTML 7Page - Analog Devices ADM1070ART Datasheet HTML 8Page - Analog Devices ADM1070ART Datasheet HTML 9Page - Analog Devices ADM1070ART Datasheet HTML 10Page - Analog Devices ADM1070ART Datasheet HTML 11Page - Analog Devices ADM1070ART Datasheet HTML 12Page - Analog Devices ADM1070ART Datasheet HTML 13Page - Analog Devices ADM1070ART Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. 0
–10–
ADM1070
2. If a voltage between the SENSE and VEE Pins increases to
100 mV (the analog current limit voltage) during tLIMITON,
then the ADM1070 takes action to reduce this current to a
safer level. The internal analog current limit loop dynami-
cally adjusts the gate drive, keeping the load current at the
100 mV/RSENSE level. The FET now acts as a current
source, limiting the load current to the level set by the value
of the sense resistor.
The sense voltage is also above the circuit breaker limit voltage,
so the limited consecutive retry function is still operational. If
the current fault is not cleared (sense resistor voltage brought
below 79 mV) after seven consecutive faults, then the device
is latched off.
3. If a serious short circuit occurs on the load side, the –48 V
supply can cause massive currents to flow very quickly.
Because of this, the gate voltage must be reduced quickly to
prevent a catastrophic failure. If the ADM1070 detects a
voltage greater than the fast current limit voltage (126 mV)
across the sense resistor, it is apparent that a serious short
circuit is present and the load current must be reduced as
quickly as possible. The fast current limit loop takes over and
pulls gate low much faster than in the previous case.
SENSE RESISTOR
The ADM1070’s current limiting function can operate at differ-
ent current levels. The sense resistor is inserted between the VEE
and sense pins, and a current fault occurs whenever the voltage
across the sense resistor is greater than 100 mV for longer than
the on time, tLIMITON. The current limit is determined by selec-
tion of the sense resistor, RSENSE. Table I shows how the
maximum allowable load current (ILOAD(MAX)) and the mini-
mum and maximum in-rush currents (ILIMIT(MIN)) and ILIMIT(MAX))
are related to the value of RSENSE.
RSENSE
ILOAD(MAX)
ILIMIT(MIN)
ILIMIT(MAX)
(m )
(A)
(A)
(A)
5
12.0
18.0
22.0
10
6.0
9.0
11.0
15
4.0
6.0
7.3
18
3.3
5.0
6.1
22
2.7
4.1
5.0
33
1.8
2.7
3.3
47
1.3
1.9
2.3
51
1.2
1.7
2.2
68
0.9
1.3
1.6
75
0.8
1.2
1.5
90
0.7
1.0
1.2
SHUNT REGULATOR
A shunt regulator shunts the ADM1070 VIN Pin. Power is
derived from the –48 V supply through the combination of an
internal Zener diode and an external shunt resistor, RDROP.
Table II shows the operational voltage range and power dissipa-
tion for different values of RDROP. Note that 16 k
Ω is the default
value for RDROP.
Min Allowable
Max Allowable
PDROP
VDD Voltage
VDD Voltage
@ 48 V
RDROP
(V)
(V)
(W)
10 k
Ω (0.25 W) 26
61
0.13
12 k
Ω
28.6
65.8
0.11
14 k
Ω
31.2
70.2
0.09
16 k
Ω
33.8
74.2
0.08
18 k
Ω
36.4
78.1
0.07
20 k
Ω
39
81.7
0.065
22 k
Ω
41.6
85.2
0.06
10 k
Ω (0.5 W) 26
81.7
0.13
12 k
Ω
28.6
88.5
0.11
14 k
Ω
31.2
94.7
0.09
16 k
Ω
33.8
100.4
0.08
18 k
Ω
36.4
105.9
0.07
20 k
Ω
39
111
0.065
22 k
Ω
41.6
115.9
0.06
INTERNAL UNDERVOLTAGE LOCKOUT
The VIN Pin is monitored for undervoltage lockout. When the
voltage at VIN is above 8.5 V (VLKO), the device is enabled. If
this voltage drops below 8.5 V, the device is disabled and gate is
pulled low. Note that this is unrelated to the undervoltage
and overvoltage functions performed at the UV/OV Pin.
TIMER
The TIMER Pin on the ADM1070 gives the user control over
the timing functions on the part. By connecting an external
capacitor between the TIMER Pin and VEE, the user can set the
UV/OV glitch filter time, tFLT, the power-on reset delay time,
tPOR, the maximum current on time, tON, the current limit time
out, tOFF, and the continuous short circuit time before latched
shutdown, tSHORT (see Table III). Note that all times are scaled
relative to each other and cannot be altered individually (without
changing the other times). The default values for these times are
selected by tying the TIMER Pin directly to VEE.
Table III. Timer Capacitor Values and Timing Values
CTIMER
tFLT
tPOR
tLIMITON
tPWMOFF
tSHORT
(pF)
(ms)
(ms)
(ms)
(ms)
(ms)
220
0.58
0.58
4.8
150
1000
330
0.85
0.85
7.1
230
1400
470
1.21
1.21
9.9
320
2000
Tied to VEE
1.55
1.55
12.8
410
2600
680
1.74
1.74
14.2
450
2800
1000
2.54
2.54
20.8
660
4100
2200
5.64
5.64
46.2
1465
9113
Table I. ILOAD(MAX), ILIMIT(MIN), and ILIMIT(MAX)
for Different Values of RSENSE
Table II. Minimum and Maximum Allowable Operating
Voltages for Different Values of RDROP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com