Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1070ART Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1070ART
Description  -48 V Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1070ART Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1070ART Datasheet HTML 4Page - Analog Devices ADM1070ART Datasheet HTML 5Page - Analog Devices ADM1070ART Datasheet HTML 6Page - Analog Devices ADM1070ART Datasheet HTML 7Page - Analog Devices ADM1070ART Datasheet HTML 8Page - Analog Devices ADM1070ART Datasheet HTML 9Page - Analog Devices ADM1070ART Datasheet HTML 10Page - Analog Devices ADM1070ART Datasheet HTML 11Page - Analog Devices ADM1070ART Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
–8–
ADM1070
TEMPERATURE – C
4.0
–50
–35
–20
–5
10
25
40
55
3.5
3.0
2.5
70
0
1.0
0.5
2.0
1.5
85
TIMER –> VEE
TIMER –> 470pF
TPC 19. POR Delay vs. Temperature
-
TEMPERATURE – C
4.0
2.0
0
–50
–35
–20
–5
10
25
40
55
70
85
3.5
3.0
1.0
0.5
2.5
1.5
TIMER –> VEE
TIMER –> 470pF
TPC 20. Voltage Fault Filter Time vs. Temperature
TEMPERATURE – C
20
0
–50
–35
–20
–5
10
25
40
55
70
18
16
14
12
10
8
6
4
2
85
TIMER –> VEE
TIMER –> 470pF
TPC 21. Maximum Current Limit On Time vs.
Temperature
TEMPERATURE – C
5.0
0
–50
–35
–20
–5
10
25
40
55
70
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
85
TPC 23. Current Limit PWM vs. Temperature
TEMPERATURE – C
5.0
0
–50
–35
–20
–5
10
25
40
55
70
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
85
TIMER –> VEE
TIMER –> 470pF
TPC 22. Continuous Short Circuit Time before Shutdown
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com