Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1070ART Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1070ART
Description  -48 V Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1070ART Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1070ART Datasheet HTML 8Page - Analog Devices ADM1070ART Datasheet HTML 9Page - Analog Devices ADM1070ART Datasheet HTML 10Page - Analog Devices ADM1070ART Datasheet HTML 11Page - Analog Devices ADM1070ART Datasheet HTML 12Page - Analog Devices ADM1070ART Datasheet HTML 13Page - Analog Devices ADM1070ART Datasheet HTML 14Page - Analog Devices ADM1070ART Datasheet HTML 15Page - Analog Devices ADM1070ART Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. 0
–12–
ADM1070
FUNCTIONALITY AND TIMING
Live Insertion
The timing waveforms associated with the live insertion of a
plug-in board using the ADM1070 are shown in the following
figures. When the board connects the GND-VEE potential
climbs to 48 V. As this voltage is applied, the voltage at the VIN
Pin ramps above the undervoltage lockout (VLKO) of 8.5 V to a
constant 12.3 V and is held at this level with the shunt resistor
and external resistor combination at the VIN Pin.
When UV/OV crosses the undervoltage rising threshold of
0.91 V, it is now inside the operating voltage window and the
–48 V supply must be applied to the load. After a time delay,
tPOR, the ADM1070 begins to ramp up the gate drive. When the
voltage on the SENSE Pin reaches 100 mV (the analog current
limit) the gate drive is held constant. When the board capaci-
tance is fully charged, the sense voltage begins to drop below
the analog current limit voltage and the gate voltage is free to
ramp up further. The gate voltage eventually reaches its maxi-
mum value of 12.3 V (as set by VIN).
GND-VEE
tPOR
VIN
UV/OV
GATE
SENSE
VOUT
VLKO
VUVR
Figure 5. Timing Waveforms Associated with a
Live Insertion Event
GATE
SENSE
VOUT
CH2
5.00V
CH1
10.00V
CH3
100mV
M 500 s
CH1
2.8V
T
T
Figure 6. Start-Up Sequence
OVERVOLTAGE AND UNDERVOLTAGE
The waveforms for an overvoltage glitch are shown below.
When UV/OV glitches above the overvoltage rising threshold of
1.97 V, an overvoltage condition is detected and the gate volt-
age is pulled low. UV/OV begins to drop a back toward the
operating voltage window and the gate drive is restored when
the overvoltage falling threshold of 1.93 V is reached. Figure 7
illustrates the ADM1070’s operation in an overvoltage situation.
GATE
SENSE
VUV/OV
CH2
10.00V
CH1
1.00V
CH3
100mV
M 200 s
CH3
1.96V
T
T
Figure 7. Timing Waveforms Associated with an
Overvoltage Glitch
An undervoltage glitch is dealt with in a similar way. When
VUV/OV falls below the undervoltage falling threshold of 0.86 V,
the gate voltage is pulled low. If UO/UV subsequently rises
back above the undervoltage rising threshold of 0.91 V, then the
gate voltage is restored. Figure 8 illustrates the ADM1070’s
operation in an undervoltage situation.
GATE
SENSE
VUV/OV
CH2
10.0V
CH1
1.00V
CH3
100mV
M 200ms
Figure 8. Timing Waveforms Associated with an
Undervoltage Glitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com