Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1070ART Datasheet(PDF) 2 Page - Analog Devices

Part # ADM1070ART
Description  -48 V Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1070ART Datasheet(HTML) 2 Page - Analog Devices

  ADM1070ART Datasheet HTML 1Page - Analog Devices ADM1070ART Datasheet HTML 2Page - Analog Devices ADM1070ART Datasheet HTML 3Page - Analog Devices ADM1070ART Datasheet HTML 4Page - Analog Devices ADM1070ART Datasheet HTML 5Page - Analog Devices ADM1070ART Datasheet HTML 6Page - Analog Devices ADM1070ART Datasheet HTML 7Page - Analog Devices ADM1070ART Datasheet HTML 8Page - Analog Devices ADM1070ART Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
ADM1070–SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Test Conditions
BOARD SUPPLY
(not connected directly to device)
Maximum Voltage Range
–200
–48
–20
V
Limited by Voltage Capability of
External Components
*
Typical Operating Voltage Range
–77
–48
–36
V
RDROP = 16 k
Ω, R1/R2 = 40*
VIN PIN––SHUNT REGULATOR
Operating Supply Voltage Range, VSS
11.5
12.3
13
V
ISS = 1.5 mA to 4.25 mA
Quiescent Supply Current, ISS
0.4
0.85
1.3
mA
VSS = 11.5 V
Maximum Shunt Supply Voltage, VSS
12.5
14
V
ISS = 20 mA
Undervoltage Lockout, VLKO
7
8.5
10.5
V
UV/OV PIN––UNDERVOLTAGE AND
OVERVOLTAGE DETECTION
Undervoltage Falling Threshold, VUVF
0.81
0.86
0.91
V
Undervoltage Rising Threshold, VUVR
0.86
0.91
0.96
V
Undervoltage Hysteresis, VUVH
45
mV
Overvoltage Falling Threshold, VOVF
1.85
1.93
2.01
V
Overvoltage Rising Threshold, VOVR
1.89
1.97
2.05
V
Overvoltage Hysteresis VOVH
–45
mV
Power-On Reset Delay, tPOR
1.10
1.70
2.30
ms
TIMER Pin Tied to VEE
(VUVR < UV/OV < VOVF)
0.90
1.21
1.51
ms
CTIMER = 470 pF
(VUVR < UV/OV < VOVF)
Voltage Fault Filter Time (UV/OV Out of
Voltage Window), tFLT
1.10
1.70
2.30
ms
TIMER Pin Tied to VEE
(VUVR < UV/OV < VOVF)
0.90
1.21
1.51
ms
CTIMER = 470 pF
(VUVR < UV/OV < VOVF)*
Input Current, IVMON
1.0
µA
GATE PIN––FET DRIVER
Maximum Gate Voltage, VGMAX
11
12
13
V
IGATE = –1
µA
Minimum Gate Voltage, VGMIN
050
mV
IGATE = 1
µA
Pull-Up Current, IGUP
–20
–40
–55
µAV
GATE = 0 V to 9 V, VSENSE = 0
Pull-Down Current, IGDP
10
30
mA
VGATE = VSS
Hold-off Impedance, RGOFF
10
k
VGATE < 2 V, VSS > 11 V
30
k
VGATE < 2 V, VSS > 2 V
SENSE PIN––CURRENT SENSE
Analog Current Limit Voltage (Rising),VLIM
90
100
110
mV
IGATE = 0
µA to –15 µA
Circuit Breaker Limit Voltage (Rising)
75
88
100
mV
Circuit Breaker Limit Voltage (Rising)
–12
mV
(With Respect to VLIM), VLIMITON
Circuit Breaker Limit Voltage (Falling)
60
79
95
mV
Circuit Breaker Limit Voltage (Falling)
–21
mV
(With Respect to VLIM), VLIMITOFF
Fast Current Limit Voltage
107
126
145
mV
Fast Current Limit Voltage
26
mV
(With Respect to VLIM)
Control Loop Transconductance,
1.5
2.75
4
µA/mV IGATE < 30 µA, TA = 25°C
(dIGATE/dVSENSE)
Maximum Current Limit On Time, tLIMITON
10
14
18
ms
TIMER Pin Tied to VEE
(VUVR < UV/OV < VOVF)
7.4
9.9
12.4
ms
CTIMER = 470 pF
(VUVR < UV/OV < VOVF)*
Current Limit PWM Off Time
320
450
580
ms
TIMER Pin Tied to VEE
(VUVR < UV/OV < VOVF)*
240
320
400
ms
CTIMER = 470 pF
(VUVR < UV/OV < VOVF)*
Current Limit PWM Duty Cycle
3
%
(Typical Only)
Number of Consecutive PWM Retry Cycles
7
(Typical Only)
(VDD = 0 V, VEE = –48 V, RDROP = 16 k , TA = –40 C to +85 C, unless other-
wise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com