Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1070ART Datasheet(PDF) 9 Page - Analog Devices

Part # ADM1070ART
Description  -48 V Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1070ART Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1070ART Datasheet HTML 5Page - Analog Devices ADM1070ART Datasheet HTML 6Page - Analog Devices ADM1070ART Datasheet HTML 7Page - Analog Devices ADM1070ART Datasheet HTML 8Page - Analog Devices ADM1070ART Datasheet HTML 9Page - Analog Devices ADM1070ART Datasheet HTML 10Page - Analog Devices ADM1070ART Datasheet HTML 11Page - Analog Devices ADM1070ART Datasheet HTML 12Page - Analog Devices ADM1070ART Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. 0
ADM1070
–9–
FUNCTIONAL DESCRIPTION
HOT CIRCUIT INSERTION
Inserting circuit boards into a live –48 V backplane can cause large
transient currents to be drawn as the board capacitance charges up.
These transient currents can cause glitches on the system power
supply and can permanently damage components on the board.
The ADM1070 is designed to control the manner in which a
board’s supply voltage is applied so that harmful transient currents
do not occur and the board can be safely inserted or removed from
a live backplane. Undervoltage, overvoltage, and overcurrent pro-
tection are other features of the part. The ADM1070 ensures that
the input voltage is stable and within tolerance before being applied
to the dc-to-dc converter, which generates the low voltage levels
required to power the on-board logic. One such converter is the
Artesyn EXQ50. Go to www.artesyn.com for more information.
ARTESYN
EXQ50
CLOAD
ADM1070
LIVE
BACKPLANE
0V
–48V
RSENSE
PLUG-IN BOARD
R1
R2
VIN+
VIN–
VOUT+
VOUT–
TRIM
FET
Figure 1. Topology
INITIAL STARTUP
The ADM1070 hot swap controller normally resides on a remov-
able circuit board and controls the manner in which power is
applied to the board upon connection. This is achieved using a
FET, Q1, in the power path. By controlling the gate voltage of
the FET, the surge of current to charge load capacitance can be
limited to a safe value when the board makes connection. Note
that the ADM1070 can also reside on the backplane itself, and
perform the same function from there.
TMER
ADM1070
R1
R2
UV/OV
GATE
SENSE
VEE
Q1
RSENSE
CLOAD
VOUT
RDROP
16k
VIN
0V
–48V
LIVE
BACKPLANE
Figure 2. Circuit Board Connection
Figure 2 shows how a plug-in module containing the ADM1070
makes connection to the backplane supply. When the board is
inserted, the –48 V and 0 V lines connect. This powers up the
device with the voltage on VIN exceeding VLKO.
When the voltage at the UV/OV Pin exceeds undervoltage rising
threshold (VUVR) of 0.91 V, it is now inside the operating volt-
age window. It must stay inside this window for the duration of
the power-on reset delay time, tPOR, which is dependent on the
value of CT.
When the device detects that the supply voltage is valid, it ramps
up the gate voltage until the FET turns on and the load current
increases. The ADM1070 monitors the level of the current flowing
through the FET by sensing the voltage across the external
sense resistor, RSENSE. When the sense voltage reaches 100 mV,
the GATE Pin is actively controlled, limiting the load current.
In this way, the maximum current permitted to flow through the
load is set by the choice of RSENSE.
If a change in the level of the supply voltage causes UV/OV to
fall below the undervoltage falling threshold of VUVF, or rise
above the overvoltage rising threshold of VOVR, then the gate
drive will be disabled.
BOARD REMOVAL
If the board is removed from a card cage, the voltage at the
UV/OV pin falls to zero (i.e., outside operating range) and the
gate drive is deasserted, turning off the FET.
CONTROLLING THE CURRENT
The ADM1070 features a current limiting function that protects
against short circuits or excessive supply currents. The flow of
current through the load is monitored by measuring the voltage
across the sense resistor, which is connected between the SENSE
and VEE Pins. There are three different types of protection offered:
1. If the voltage across the sense resistor exceeds the circuit
breaker limit voltage of 88 mV (rising) for the current limit
on time (tLIMITON), then a current fault has occurred and the
PWM cycle begins. The FET current is linearly controlled at
a maximum of 100 mV/RSENSE (via the gate drive) during
tLIMITON (see next section). The gate is then disabled for the
duration tOFF. This PWM ratio, which will always be 3%, is
given by tON/tOFF.
A unique feature of the ADM1070 is the limited consecutive
retry function. An internal fault counter keeps track of the
number of successive PWM cycles that occur. The fault
counter is incremented after every fault is detected. If the
ADM1070 detects seven consecutive current faults, it is appar-
ent that the fault is not a temporary one and the device
latches itself off. The fault counter is cleared if a new tON
timeout does not occur within 2
tOFF of the previous
tLIMITON timeout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com