Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT87C5111-ICSIL Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT87C5111-ICSIL Datasheet HTML 4Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 5Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 6Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 7Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 8Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 9Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 10Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 11Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
8
AT8xC5111
4190A–8051–11/02
Functional Block Diagram
Operating Modes
Functional Modes
Normal Modes
•
CPU and Peripheral clocks depend on the software selection using CKCON0,
CKCON1, CKSEL and CKRL registers.
•
CKS bit selects either Xtal_Osc or RC_Osc.
•
CKRL register determines the frequency of the selected clock, unless X2 bit is set.
In this case the prescaler/divider is not used, so CPU core needs only 6 clock
periods per machine cycle. According to the value of the peripheral X2 individual bit,
each peripheral needs 6 or 12 clock periods per instruction.
•
It is always possible to switch dynamically by software from Xtal_Osc to RC_Osc,
and vice versa by changing CKS bit, a synchronization cell allowing to avoid any
spike during transition.
Idle Modes
•
IDLE modes are achieved by using any instruction that writes into PCON.0 sfr
•
IDLE modes A and B depend on previous software sequence, prior to writing into
PCON.0 register:
–
IDLE MODE A: Xtal_Osc is running (OSCAEN = 1) and selected (CKS = 1)
–
IDLE MODE B: RC_Osc is running (OSCBEN = 1) and selected (CKS = 0)
•
The unused oscillator Xtal_Osc or RC_Osc can be stopped by software by clearing
OSCAEN or OSCBEN, respectively.
•
Exit from IDLE mode is achieved by Reset, or by activation of an enabled interrupt.
•
In both cases, PCON.0 is cleared by hardware.
Xtal2
Xtal1
PwdRC
WD Clock
PwdOsc
Ckrl
Reload
8-bit
Prescaler-Divider
ResetB
1
0
OscOut
Xtal_Osc
RC_Osc
OSCBEN
OSCAEN
CKS
X2
0
1
Mux
Filter
+
OSCA
OSCB
CkIdle
Ck
Idle
CPU Clock
Peripherals Clock
Pwd
CkOut
CkAdc
Quiet
: 128
A/D Clock
Sub Clock
Timer 0 Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com