Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT87C5111-ICSIL Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT87C5111-ICSIL Datasheet HTML 6Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 7Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 8Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 9Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 10Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 11Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 12Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 13Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
10
AT8xC5111
4190A–8051–11/02
Timer 0: Clock Inputs
The SCLKT0 bit in OSCCON register allows to select Timer 0 Subsidiary clock. This
allows to perform a Real-Time Clock function.
SCLKT0 = 0: Timer 0 uses the standard T0 pin as clock input (Standard mode).
SCLKT0 = 1: Timer 0 uses the special Sub Clock as clock input.
When the subclock input is selected for Timer 0 and the crystal oscillator is selected for
CPU and peripherals, the CKRL prescaler must be set to FF (division factor 2) in order
to assure a proper count on Timer 0.
With an external a 32 kHz oscillator, the timer interrupt can be set from 1/256 to 256
seconds to perform a Real-Time Clock (RTC) function. The power consumption will be
very low as the CPU is in idle mode at 32 kHz most of the time. When more CPU power
is needed, the internal RC oscillator is activated and used by the CPU and the others
peripherals.
Registers
Clock Control Register
The clock control register is used to define the clock system behavior.
Table 2. OSCCON - Clock Control Register (8Fh)
SCLKT0
1
0
CkIdle
: 6
T0 pin
Sub Clock
C/T
1
0
OSCCON
TMOD
Gate
INT0
TR0
Timer 0
Control
765
43210
-----
SCLKT0
OSCBEN
OSCAEN
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com