Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT87C5111-ICSIL Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 3 Page - ATMEL Corporation

  AT87C5111-ICSIL Datasheet HTML 1Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 2Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 3Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 4Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 5Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 6Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 7Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 8Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
3
AT8xC5111
4190A–8051–11/02
SFR Mapping
The Special Function Registers (SFRs) of the AT8xC5111 belong to the following
categories:
•
C51 core registers: ACC, B, DPH, DPL, PSW, SP, AUXR1
•
I/O port registers: P1, P3, P4, P1M1, P1M2, P3M1, P3M2, P4M1, P4M2
•
Timer registers: TCON, TH0, TH1, TMOD, TL0, TL1
•
Serial I/O port registers: SADDR, SADEN, SBUF, SCON, BRL, BDRCON
•
Power and clock control registers: CKCON0, CKCON1, OSCCON, CKSEL, PCON,
CKRL
•
Interrupt system registers: IE, IE1, IPL0, IPL1, IPH0, IPH1
•
Watchdog Timer: WDTRST, WDTPRG
•
SPI: SPCON, SPSTA, SPDAT
•
PCA: CCAP0L, CCAP1L, CCAP2L, CCAP3L, CCAP4L, CCAP0H, CCAP1H,
CCAP2H, CCAP3H, CCAP4H, CCAPM0, CCAPM1, CCAPM2, CCAPM3,
CCAPM4, CL, CH, CMOD, CCON
•
ADC: ADCCON, ADCCLK, ADCDATH, ADCDATL, ADCF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com