Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT87C5111-ICSIL Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 5 Page - ATMEL Corporation

  AT87C5111-ICSIL Datasheet HTML 1Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 2Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 3Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 4Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 5Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 6Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 7Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 8Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
5
AT8xC5111
4190A–8051–11/02
Pin Configuration
Pin Descriptions
XTAL1
P1.7/CEX4
P4.7/AIN7
1
VCC
P1.6/CEX3
P3.1/TxD
P1.3/CEX0
P1.2/ECI
P1.4/CEX1
P4.4/MISO/AIN4
P4.6/SPSCK/AIN6
P4.5/MOSI/AIN5
P4.3/
INT1/AIN3
P4.2/
SS/AIN2
P4.1/AIN1/T1
P4.0/AIN0
P3.0/RxD
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
P1.5/CEX2
P3.3/T0
P3.2/INT0
SO24
DIL24
VREF
VSS
RST/VPP
XTAL2
XTAL2
XTAL1
VREF
1
AVCC
P1.6/CEX3
P3.1/TxD
P1.3/CEX0
P1.2/ECI
P1.4/CEX1
P4.4/MISO/AIN4
P4.6/SPSCK/AIN6
P4.5/MOSI/AIN5
P4.3/
INT1/AIN3
P4.2/
SS/AIN2
P4.1/AIN1/T1
P4.0/AIN0
P3.0/RxD
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
P1.5/CEX2
P3.3/T0
P3.2/INT0
SSOP24
VSS
AVSS
VCC
RST/VPP
Mnemonic
Type
Name and Function
V
SS
I
Ground: 0V reference
V
CC
I
Power Supply: This is the power supply voltage for normal, idle and power-down operation.
VREF
I
VREF: A/D converter positive reference input
RST/VPP
I
RST/V
PP: Reset/Programming Supply Voltage:
A low on this pin for two machine cycles while the oscillator is running, resets the device. This pin
has no pull-up. In order to use the internal power-on reset, an external pull-up resistor must be
connected.
This pin also receives the 12V programming pulse which will start the EPROM programming and the
manufacturer test modes.
XTAL1
I
XTAL1 : Input to the inverting oscillator amplifier and input to the internal clock generator circuits
XTAL2
O
XTAL2 : Output from the inverting oscillator amplifier
P1.2 - P1.7
I/O
Port 1: Port 1 is an 6-bit programmable I/O port . See Section “Ports”, page 18 for a description of
I/O ports.
Alternate functions for Port 1 include:
I/O
ECI (P1.2): External Clock for the PCA
I/O
CEX0 (P1.3): Capture/Compare External I/O for PCA module 0
I/O
CEX1 (P1.4): Capture/Compare External I/O for PCA module 1
I/O
CEX2 (P1.5): Capture/Compare External I/O for PCA module 2
I/O
CEX3 (P1.6): Capture/Compare External I/O for PCA module 3
I/O
CEX4 (P1.7): Capture/Compare External I/O for PCA module 4
P3.0 - P3.3
I/O
Port 3: Port 3 is an 6-bit programmable I/O port with internal pull-ups. See Section "Ports", page 18
for a description of I/O ports.
Port 3 also serves the special features of the 80C51 family, as listed below.
I/O
RXD (P3.0): Serial input port
I/O
TXD (P3.1): Serial output port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com